Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 404 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 404 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 400Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 401Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 402Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 403Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 404Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 405Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 406Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 407Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 408Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 404 / 441 page
background image
11-4
MC68340 USER’S MANUAL
MOTOROLA
0.8 V
2.0 V
B
2.0 V
0.8 V
VALID
OUTPUT n
VALID
OUTPUT
n + 1
2.0 V
0.8 V
2.0 V
0.8 V
2.0 V
0.8 V
VALID
OUTPUT n
VALID
OUTPUT n+1
2.0 V
0.8 V
B
A
VALID
INPUT
2.0 V
0.8 V
2.0 V
0.8 V
D
VALID
INPUT
2.0 V
0.8 V
2.0 V
0.8 V
D
DRIVE
TO 0.5 V
DRIVE
TO 2.4 V
2.0 V
0.8 V
2.0 V
0.8 V
F
CLKOUT
OUTPUTS(1)
OUTPUTS(2)
INPUTS(3)
INPUTS(4)
ALL SIGNALS(5)
NOTES:
1. This output timing is applicable to all parameters specified relative to the rising edge of the clock.
2. This output timing is applicable to all parameters specified relative to the falling edge of the clock.
3. This input timing is applicable to all parameters specified relative to the rising edge of the clock.
4. This input timing is applicable to all parameters specified relative to the falling edge of the clock.
5. This timing is applicable to all parameters specified relative to the assertion/negation of another signal.
LEGEND:
A. Maximum output delay specification.
B. Minimum output hold time.
C. Minimum input setup time specification.
D. Minimum input hold time specification.
E. Signal valid to signal valid specification (maximum or minimum).
F. Signal valid to signal invalid specification (maximum or minimum).
E
A
C
C
Figure 11-1. Drive Levels and Test Points for AC Specifications
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com