Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 406 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 406 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 402Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 403Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 404Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 405Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 406Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 407Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 408Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 409Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 410Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 406 / 441 page
background image
11-6
MC68340 USER’S MANUAL
MOTOROLA
11.6 AC ELECTRICAL SPECIFICATIONS CONTROL TIMING (See notes (a), (b),
(c), and (d) corresponding to part operation, GND = 0 Vdc, TA = 0 to 70
°C; see numbered notes)
3.3 V
3.3 V or 5.0 V
5.0 V
8.39 MHz
16.78 MHz
25.16 MHz
Num.
Characteristic
Symbol
Min
Max
Min
Max
Min
Max
Unit
System Frequency1
fsys
dc
8.39
dc
16.78
dc
25.16
MHz
Crystal Frequency
fXTAL
25
50
25
50
25
50
kHz
On-Chip VCO System Frequency
fsys
0.13
8.39
0.13
16.78
0.13
25.16
MHz
On-Chip VCO Frequency Range
fVCO
0.1
16.78
0.1
33.5
0.1
50.3
MHz
External Clock Operation
fsys
0
8
0
16
0
25
MHz
PLL Start-up Time2
trc
—
20
—
20
—
20
ms
Limp Mode Clock Frequency 3
SYNCR X-bit = 0
SYNCR X-bit = 1
flimp
—
—
fsys/2
fsys
—
—
fsys/2
fsys
—
—
fsys/2
fsys
kHz
CLKOUT stability 4
∆CLK
–1
+1
–1
+1
–1
+1
%
15
CLKOUT Period in Crystal Mode
tcyc
119.2
—
59.6
—
40
—
ns
1B6
External Clock Input Period
tEXTcyc
125
—
62.5
—
40
—
ns
1C 7
External Clock Input Period with PLL
tEXTcyc
125
—
62.5
—
40
—
ns
2,3 8
CLKOUT Pulse Width in Crystal Mode
tCW
56
—
28
—
19
—
ns
2B, 3B9 CLKOUT Pulse Width in External Mode
tEXTCW
56
—
28
—
18
—
ns
2C,
3C 10
CLKOUT Pulse Width in External w/PLL
Mode
tEXTCW
62.5
—
31
—
20
—
ns
4,5
CLKOUT Rise and Fall Times
tCrf
—
10
—
5
—
4
ns
NOTES:
(a) The electrical specifications in this document for both the 8.39 and 16.78 MHz @ 3.3 V
±0.3 V are preliminary
and apply only to the appropriate MC68340V low voltage part.
(b) The 16.78-MHz specifications apply to the MC68340 @ 5.0 V
±5% operation.
(c) The 25.16 MHz @ 5.0 V
±5% electrical specifications are preliminary.
(d) For extended temperature parts T A = –40 to +85°C. These specifications are preliminary.
1.
All internal registers retain data at 0 Hz.
2.
Assumes that a stable VCCSYN is applied, that an external filter capacitor with a value of 0.1 µF is attached to
the XFC pin, and that the crystal oscillator is stable. Lock time is measured from power-up to
RESET release.
This specification also applies to the period required for PLL lock after changing the W and Y frequency control
bits in the synthesizer control register (SYNCR) while the PLL is running, and to the period required for the clock
to lock after LPSTOP.
3.
Determined by the initial control voltage applied to the on-chip VCO. The X-bit in the SYNCR controls a divide -
by-two scaler on the system clock output.
4.
CLKOUT stability is the average deviation from programmed frequency measured at maximum f sys.
Measurement is made with a stable external clock input applied using the PLL.
5.
All crystal mode clock specifications are based on using a 32.768-kHz crystal for the input.
6.
When using the external clock input mode (MODCK reset value = 0 V), the minimum allowable t EXTcyc period
will be reduced when the duty cycle of the signal applied to EXTAL exceeds 5% tolerance. The relationship
between external clock input duty cycle and minimum t EXTcyc is expressed:
Minimum tEXTcyc period = minimum tEXTCW / (50% – external clock input duty cycle tolerance).
Minimum external clock low and high times are based on a 45% duty cycle.
7.
When using the external clock input mode with the PLL (MODCK reset value = 0 V), the external clock input duty
cycle can be at minimum 20% to produce a CLKOUT with a 50% duty cycle.
8.
For crystal mode operation, the minimum CLKOUT pulse width is based on a 47% duty cycle.
9.
For external clock mode operation, the minimum CLKOUT pulse width is based on a 45% duty cycle, with a 50%
duty cycle input clock.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com