Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 410 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 410 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 406Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 407Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 408Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 409Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 410Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 411Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 412Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 413Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 414Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 410 / 441 page
background image
11-10
MC68340 USER’S MANUAL
MOTOROLA
11.7 AC TIMING SPECIFICATIONS (Continued)
3.3 V
3.3 V or
5.0 V
5.0 V
8.39 MHz
16.78 MHz
25.16 MHz
Num.
Characteristic
Symbol
Min
Max
Min
Max
Min
Max
Unit
85
DSCLK Cycle
tDSCCYC
2—2—2—
CLKOUT
86
CLKOUT High to FREEZE Asserted
tFRZA
0
100
0
50
0
35
ns
87
CLKOUT High to FREEZE Negated
tFRZN
0
100
0
50
0
35
ns
88
CLKOUT High to
IFETCH High Impedance
tIFZ
0
100
0
50
0
35
ns
89
CLKOUT High to
IFETCH Valid
tIF
0
100
0
50
0
35
ns
NOTES:
(a) The electrical specifications in this document for both the 8.39 and 16.78 MHz @ 3.3 V
±0.3 V are preliminary
and apply only to the appropriate MC68340V low voltage part.
(b) The 16.78-MHz specifications apply to the MC68340 @ 5.0 V
±5% operation.
(c) The 25.16 MHz @ 5.0 V
±5% electrical specifications are preliminary.
(d) For extended temperature parts T A = –40 to +85°C. These specifications are preliminary.
1.
All AC timing is shown with respect to 0.8 V and 2.0 V levels unless otherwise noted.
2.
This number can be reduced to 5 ns if strobes have equal loads.
3.
If multiple chip selects are used, the
CS width negated (#15) applies to the time from the negation of a heavily
loaded chip select to the assertion of a lightly loaded chip select.
4.
These hold times are specified with respect to
DS or CS on asynchronous reads and with respect to CLKOUT on
fast termination reads. The user is free to use either hold time for fast termination reads.
5.
If the asynchronous setup time (#47) requirements are satisfied, the
DSACK
≈ low to data setup time (#31) and
DSACK
≈ low to BERR low setup time (#48) can be ignored. The data must only satisfy the data-in to CLKOUT
low setup time (#27) for the following clock cycle:
BERR must only satisfy the late BERR low to CLKOUT low
setup time (#27A) for the following clock cycle.
6.
To ensure coherency during every operand transfer,
BG will not be asserted in response to BR until after cycles
of the current operand transfer are complete and
RMC is negated.
7.
In the absence of
DSACK
≈, BERR is an asynchronous input using the asynchronous setup time (#47).
8.
Specification #47A for 16.78 MHz @ 3.3 V
±0.3V will be 8 ns.
9.
During interrupt acknowledge cycles up to two wait states may be inserted by the processor between states S0
and S1.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com