Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 409 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 409 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 405Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 406Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 407Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 408Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 409Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 410Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 411Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 412Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 413Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 409 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
11-9
11.7 AC TIMING SPECIFICATIONS (Continued)
3.3 V
3.3 V or
5.0 V
5.0 V
8.39 MHz
16.78 MHz
25.16 MHz
Num.
Characteristic
Symbol
Min
Max
Min
Max
Min
Max
Unit
304
CLKOUT Low to Data-In Invalid (Fast
Termination Hold)
tCLDI
30
—
15
—
10
—
ns
30A4
CLKOUT Low to Data-In High Impendance
tCLDH
—
180
—
90
—
60
ns
315
DSACK
≈ Asserted to Data-In Valid
tDADI
—
100
—
50
—
32
ns
31A
DSACK
≈ Asserted to DSACK≈ Valid (Skew)
tDADV
—
60
—
30
—
20
ns
32
HALT and RESET Input Transition Time
tHRrf
—
400
—
200
—
140
ns
33
CLKOUT Low to
BG Asserted
tCLBA
—
60
—
30
—
20
ns
34
CLKOUT Low to
BG Negated
tCLBN
—
60
—
30
—
20
ns
356
BR Asserted to BG Asserted (RMC Not
Asserted)
tBRAGA
1
—
1
—
1
—
CLKOUT
37
BGACK Asserted to BG Negated
tGAGN
1
2.5
1
2.5
1
2.5
CLKOUT
39
BG Width Negated
tGH
2
—2—2—
CLKOUT
39A
BG Width Asserted
tGA
1
—1—1—
CLKOUT
46
R/
W Width Asserted (Write or Read)
tRWA
300
—
150
—
100
—
ns
46A
R/
W Width Asserted (Fast Termination Write or
Read)
tRWAS
180
—
90
—
60
—
ns
47A8
Asynchronous Input Setup Time
tAIST
15
—
8, 5
—
5
—
ns
47B
Asynchronous Input Hold Time
tAIHT
30
—
15
—
10
—
ns
485,7
DSACK
≈ Asserted to BERR, HALT Asserted
tDABA
—
60
—
30
—
20
ns
53
Data-Out Hold from CLKOUT High
tDOCH
0
—0—0—
ns
54
CLKOUT High to Data-Out High Impedance
tCHDH
—
60
—
30
—
20
ns
55
R/
W Asserted to Data Bus Impedance Change
tRADC
80
—
40
—
25
—
ns
56
RESET Pulse Width (Reset Instruction)
tHRPW
512
—
512
—
512
—
CLKOUT
56A
RESET Pulse Width (Input from External
Device)
tRPWI
590
—
590
—
590
—
CLKOUT
57
BERR Negated to HALT Negated (Rerun)
tBNHN
0
—0—0—
ns
70
CLKOUT Low to Data Bus Driven (Show Cycle)
tSCLDD
0
60
0
30
0
20
ns
71
Data Setup Time to CLKOUT Low (Show
Cycle)
tSCLDS
30
—
15
—
10
—
ns
72
Data Hold from CLKOUT Low (Show Cycle)
tSCLDH
20
—
10
—6—
ns
80
DSI Input Setup Time
tDSISU
30
—
15
—
10
—
ns
81
DSI Input Hold Time
tDSIH
20
—
10
—6—
ns
82
DSCLK Setup Time
tDSCSU
30
—
15
—
10
—
ns
83
DSCLK Hold Time
tDSCH
20
—
10
—6—
ns
84
DSO Delay Time
tDSOD
—
tcyc
+ 50
—
tcyc
+ 25
—
tcyc
+ 16
ns
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com