Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 405 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 405 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 401Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 402Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 403Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 404Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 405Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 406Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 407Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 408Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 409Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 405 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
11-5
11.5 DC ELECTRICAL SPECIFICATIONS (See notes (a), (b), (c), and (d) corresponding to part
operation, GND = 0 Vdc, TA = 0 to 70
°C; see numbered notes)
Characteristic
Symbol
Min
Max
Unit
Input High Voltage (except clock)
VIH
2.0
VCC
V
Input Low Voltage
VIL
GND
0.8
V
Clock Input High Voltage
VIHC
0.7 *(VCC)VCC+0.3
V
Undershoot
—
—
–0.8
V
Input Leakage Current (All Input Only Pins)
Vin = VCC or GND
Iin
–2.5
2.5
µA
Hi-Z (Off-State) Leakage Current (All Noncrystal Outputs and I/O Pins)
Vin = 0.5/2.4 V
1
IOZ
–20
20
µA
Signal Low Input Current
TMS, TDI
VIL = 0.8 V
Signal High Input Current
TMS, TDI
VIH = 2.0 V
IL
IH
–0.015
–0.015
0.2
0.2
mA
mA
Output High Voltage1, 2
IOH = –0.8 mA, VCC = 4.75 V
All Noncrystal Outputs except
HALT, RESET, DONE2, DONE1
VOH
2.4
—
V
Output Low Voltage1
IOL = 2.0 mA
CLKOUT, FREEZE,
IPIPE, IFETCH
IOL = 3.2 mA
A23–A0, D15–D0, FC3–FC0, SIZ1, SIZ0
IOL = 5.3 mA
All Other Output Only and Group 2 I/O Pins
IOL = 15.3 mA
HALT, RESET
VOL
—
0.5
0.5
0.5
0.5
V
Total Supply Current at 5 V +5% @ 16.78 MHz
RUN3
LPSTOP (VCO Off)
ICC
SICC
—
180
500
mA
µA
Power Dissipation at 5 V +5% @ 16.78 MHz4
PD
—
945
mW
Total Supply Current at 3.3 V + 0.3 V @ 8.39 MHz
RUN5
LPSTOP (VCO Off)
ICC
SICC
—
TBD
TBD
mA
µA
Power Dissipation at 3.3 V +0.3 V @ 8.39 MHz6
PD
—
TBD
mW
Input Capacitance 7
All Input-Only Pins
All I/O Pins
Cin
—
10
20
pF
Load Capacitance 7
CL
—
100
pF
NOTES:
(a) The electrical specifications in this document for both the 8.39 and 16.78 MHz @ 3.3 V
±0.3 V are preliminary
and apply only to the appropriate MC68340V low voltage part.
(b) The 16.78-MHz specifications apply to the MC68340 @ 5.0 V
±5% operation.
(c) The 25.16 MHz @ 5.0 V
±5% electrical specifications are preliminary.
(d) For extended temperature parts TA = –40 to +85
°C. These specifications are preliminary.
1.
Input-Only Pins:
BERR, BG, BKPT, BR, CTSB, CTSA, DREQ2, DREQ1, DSACK1, DSACK0, EXTAL, RxDB,
RxDA, SCLK, TCK, TDI,
TGATE2, TGATE1, TIN2, TIN1, TMS
Output-Only Pins: A23–A0,
AS, BG, CLKOUT, DACK2, DACK1, DS, FC3–FC0, FREEZE, IFETCH, IPIPE,
RMC, RTSB, RTSA, R/ W, R
≈RDYA, SIZ1, SIZ0, TDO, TOUT2, TOUT1, TxDB, TxDA, T≈RDYA
Input/Output Pins:
Group 1: D15–D0
Group 2: A31–A24,
CS3–CS0, DONE2, DONE1, IRQ7, IRQ5, IRQ3, MODCK
Group 3:
HALT, RESET
2.
VOH specification for HALT, RESET, DONE2, and DONE1 is not applicable because they are open-drain pins.
3.
Supply current measured with system clock frequency of 16.78 MHz @ 5.25 V.
4.
Power dissipation measured with a system clock frequency of 16.78 MHz, all modules active.
5.
Supply current measured with system clock frequency of 8.39 MHz @ 3.6 V.
6.
Power dissipation measured with a system clock frequency of 8.39 MHz, all modules active.
7.
Capacitance is periodically sampled rather than 100% tested.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com