Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 403 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 403 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 399Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 400Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 401Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 402Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 403Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 404Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 405Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 406Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 407Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 403 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
11-3
The MC68340V low voltage parts can operate up to 8.39 MHz or 16.78 MHz with a 3.3 V
±0.3 V supply. Separate part numbers are used to distinguish the operation of the parts
according to the supply voltage. Refer to Section 12 Ordering Information and
Mechanical Data for the part numbering schemes. MC68340 is used throughout this
section to refer to the 16.78- or 25.16-MHz parts at 5.0 V
±5%. MC68340V is used
throughout this section to refer to the 8.39- or 16.78-MHz parts at 3.3 V
±0.3 V.
NOTE
The electrical specifications in this section for the MC68340
25.16 MHz at 5.0 V
±5% and the 3.3 V ±0.3 V specifications for
both the 8.39- and 16.78-MHz parts are preliminary.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com