Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 402 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 402 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 398Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 399Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 400Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 401Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 402Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 403Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 404Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 405Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 406Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 402 / 441 page
background image
11-2
MC68340 USER’S MANUAL
MOTOROLA
11.3 POWER CONSIDERATIONS
The average chip-junction temperature, TJ, in °C can be obtained from:
TJ = TA + (PD • θJA)
(1)
where:
TA
= Ambient Temperature,
°C
θJA
= Package Thermal Resistance, Junction-to-Ambient,
°C/W
PD
=PINT + PI/O
PINT
=ICC x VCC, Watts—Chip Internal Power
PI/O
= Power Dissipation on Input and Output Pins—User Determined
For most applications, PI/O < PINT and can be neglected.
An approximate relationship between PD and TJ (if PI/O is neglected) is:
PD = K ÷ (TJ + 273°C)
Solving Equations (1) and (2) for K gives:
K = PD • (TA + 273°C) + θJA • PD2
where K is a constant pertaining to the particular part. K can be determined from equation
(3) by measuring PD (at thermal equilibrium) for a known TA. Using this value of K, the
values of PD and TJ can be obtained by solving Equations (1) and (2) iteratively for any
value of TA.
11.4 AC ELECTRICAL SPECIFICATION DEFINITIONS
The AC specifications presented consist of output delays, input setup and hold times, and
signal skew times. All signals are specified relative to an appropriate edge of the clock and
possibly to one or more other signals.
The measurement of the AC specifications is defined by the waveforms shown in Figure
11-1. To test the parameters guaranteed by Motorola, inputs must be driven to the voltage
levels specified in the figure. Outputs are specified with minimum and/or maximum limits,
as appropriate, and are measured as shown. Inputs are specified with minimum setup and
hold times and are measured as shown. Finally, the measurement for signal-to-signal
specifications are shown.
Note that the testing levels used to verify conformance to the AC specifications do not
affect the guaranteed DC operation of the device as specified in the DC electrical
characteristics.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com