Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 398 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 398 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 394Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 395Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 396Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 397Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 398Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 399Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 400Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 401Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 402Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 398 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
10-11
10.3.1 MC68340 Power Reduction at 5V
The following figures show how different variables affect typical power consumption at
5 V. Figure 10-15 shows how system activity affects current drain. Figure 10-16 shows
how voltage affects current drain at some typical operating temperatures. Figure 10-17
shows how system clock frequency affects current drain.
0
30
60
90
120
+DMA
OFF
+TIMER 1
OFF
SERIAL
OFF
MAX
CURRENT
INITIALIZATION
+TIMER 2
OFF
Typical values
32KHz xtal
16.78 MHz
24 C
°
+LPSTOP
.06
42
93
81
73
66
62
Figure 10-15. MC68340 Current vs. Activity at 5 V
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com