Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 396 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 396 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 392Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 393Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 394Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 395Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 396Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 397Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 398Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 399Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 400Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 396 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
10-9
OUTPUT2
OUTPUT1
CLKOUT
T/2
td1
d2
t s
t
Figure 10-13. Skew between Two Outputs
The method for calculating a frequency-adjusted ts is as follows:
ts' = ts + N (Tf'/2 – Tf/2) + (Tf'/2 – td1)
where:
ts' = the frequency-adjusted skew
ts = the skew at full speed
N = the number of full one-half clock periods in ts, if any
Tf'/2 = one-half the new clock period
Tf/2 = one-half the clock period at full speed
td1 = the propagation time for the first output from the clock edge
The following calculation uses a 16.78-MHz port, specification 21, R/
W high to AS
asserted, at 8 MHz as an example:
ts = 15 ns minimum
N = 0
Tf'/2 = 125/2 = 62.5 ns
Tf/2 = 60/2 = 30 ns
td1 = 30 ns maximum
therefore:
ts' = 15 + 0(62.5 – 30) + (62.5 – 30) = 47.5 ns minimum
In this manner, new specifications for lower frequencies can be derived for an MC68340.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com