Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 395 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 395 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 391Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 392Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 393Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 394Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 395Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 396Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 397Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 398Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 399Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 395 / 441 page
background image
10-8
MC68340 USER’S MANUAL
MOTOROLA
Additionally, the relationship between the asynchronous inputs and the clock edge, as
shown in Figure 10-11, does not change as frequency changes.
A second type of specification indicates the minimum amount of time a signal will be
asserted. This type of specification is illustrated in Figure 10-12.
OUTPUT
CLKOUT
t w
N
T/2
t d
Figure 10-12. Signal Width Specifications
The method for calculating a frequency-adjusted tw is as follows:
tw' = tw + N (Tf'/2 – Tf/2) + (Tf'/2 – td)
where:
tw' = the frequency-adjusted signal width
tw = the signal width at 16.78 MHz
N = the number of full one-half clock periods in tw
Tf'/2 = one-half the new clock period
Tf/2 = one-half the clock period at full speed
td = the propagation time from the clock edge
The following calculation uses a 16.78-MHz part, specification 14,
AS width asserted, at
12.5 MHz as an example:
tw = 100 ns
N = 3
Tf'/2 = 80/2 = 40 ns
Tf/2 = 60/2 = 30 ns
td = 30 ns maximum
therefore:
tw' = 100 + 3(40 – 30) + (40 – 30) = 140 ns
The third type of specification used is a skew between two outputs (see Figure 10-13).
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com