Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 369 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 369 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 365Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 366Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 367Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 368Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 369Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 370Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 371Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 372Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 373Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 369 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
8- 25
1 = This bit is set when the counter output equals the value in the COM.
0 = This bit is cleared when a timeout occurs, the COM register is accessed (read or
write), the timer is reset with the SWR bit, or the
RESET signal is asserted on the
IMB. This bit is cleared regardless of the state of the TC bit.
This bit can be used to indicate when a write to the PREL1 or PREL2 registers will not
cause a problem during a counter reload at timeout. To ensure that the write to the
PREL register is recognized at timeout, the latency between the read of the COM bit
and the write to the PREL register must be considered.
PO7–PO0—Prescaler Output
These bits show the levels on each of the eight output taps of the prescaler. These
values are updated every time that the system clock goes high and a read cycle of this
byte in the SR is not in progress.
8.4.5 Counter Register (CNTR)
The CNTR reflects the value of the counter. This value can be reliably read at any time
since it is updated on every rising edge of the system clock (except in the input
capture/output compare mode) when a read of the register is not in progress. This read-
only register can be read when the timer module is enabled (i.e. the STP bit in the MCR is
cleared).
CNTR
$60A, $64A
15
14
13
12
11
10
9876543210
CNT15
CNT14
CNT13
CNT12
CNT11
CNT10
CNT9
CNT8
CNT7
CNT6
CNT5
CNT4
CNT3
CNT2
CNT1
CNT0
RESET:
0000000000000000
Supervisor/User
All 24 bits of the prescaler and the counter may be obtained by one long-word read at the
address of the SR, since the CNTR is contiguous to it. Any changes in the prescaler value
due to the two cycles necessary to perform a long-word read should be considered. If this
latency presents a problem, the
TGATE
≈ signal may be used to disable the decrement
function while the reads are occurring.
8.4.6 Preload 1 Register (PREL1)
The PREL1 stores a value that is loaded into the counter in some modes of operation.
This value is loaded into the counter on the first falling edge of the counter clock after the
counter is enabled. This register can be be read and written when the timer module is
enabled (i.e. the STP bit in the MCR is cleared). However, a write to this register must be
completed before timeout for the new value to be reliably loaded into the counter.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com