Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 368 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 368 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 364Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 365Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 366Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 367Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 368Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 369Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 370Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 371Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 372Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 368 / 441 page
background image
8- 24
MC68340 USER’S MANUAL
MOTOROLA
TO—Timeout Interrupt
1 = The counter has transitioned from $0001 to $0000, and the counter has rolled
over. This bit does not affect the programmed
IRQ
≈ signal if the IE2 bit in the CR
is cleared.
0 = This bit is cleared by the timer whenever the
RESET signal is asserted on the
IMB, regardless of the mode of operation. This bit may also be cleared by writing
a one to it. Writing a zero to this bit does not alter its contents. This bit is not
affected by disabling the timer (SWR = 0).
TG—Timer Gate Interrupt
1 = This bit is set whenever the CR TGE bit is set and the
TGATE
≈ signal
transitions in the manner to which the particular mode of operation responds.
Refer to 8.3 Operating Modes for more details. This bit does not affect the
programmed
IRQ
≈ signal if the IE1 bit in the CR is cleared.
0 = This bit is cleared by the timer whenever the
RESET signal is asserted on the
IMB, regardless of the mode of operation. This bit may also be cleared by writing
a one to it. Writing a zero to this bit does not alter its contents. This bit is not
affected by disabling the timer (SWR = 0).
TC—Timer Compare Interrupt
1 = This bit is set when the counter transitions (off a clock/event falling edge) to the
value in the COM. This bit does not affect the programmed
IRQ
≈ signal if the IE0
bit in the CR is cleared.
0 = This bit is cleared by the timer whenever the
RESET signal is asserted on the
IMB, regardless of the mode of operation. This bit may also be cleared by writing
a one to it. Writing a zero to this bit does not alter its contents. This bit is not
affected by disabling the timer (SWR = 0).
TGL—
TGATE
≈ Level
1 = The
TGATE
≈ signal is negated.
0 = The
TGATE
≈ signal is asserted.
ON—Counter Enabled
1 = This bit is set whenever the SWR and CPE bits are set in the CR. If the CR TGE
bit is set,
TGATE
≈ must also be asserted (except in the input capture/output
compare mode) since this signal then controls the enabling and disabling of the
counter. If all these conditions are met, the counter is enabled and begins
counting down.
0 = The counter is not enabled and does not begin counting down.
OUT—Output Level
1 = TOUTx is a logic one.
0 = TOUTx is a logic zero, or the pin is three-stated.
COM—Compare Bit
This bit is used to indicate when the counter output value is at or between the value in
the COM and $0000 (timeout).
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com