| Electronic Components Datasheet Search |
|
MC68340 Datasheet(PDF) 370 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MC68340 Datasheet(HTML) 370 Page - Freescale Semiconductor, Inc |
|
370 / 441 page ![]() 8- 26 MC68340 USER’S MANUAL MOTOROLA PREL1 $60C, $64C 15 14 13 12 11 10 9876543210 PR1-15 PR1-14 PR1-13 PR1-12 PR1-11 PR1-10 PR1-9 PR1-8 PR1-7 PR1-6 PR1-5 PR1-4 PR1-3 PR1-2 PR1-1 PR1-0 RESET: 1111111111111111 Supervisor/User For some modes of operation, this register is also used to reload the counter one falling clock edge after a timeout occurs. Refer to 8.3 Operating Modes for more information on the individual modes. 8.4.7 Preload 2 Register (PREL2) PREL2 is used in addition to PREL1 in the variable duty-cycle square-wave generator and variable-width single-shot pulse generator modes. When in either of these modes, the value in PREL1 is loaded into the counter on the first falling edge of the counter clock after the counter is enabled. After timeout, the value in PREL2 is loaded into the counter. This register can be be read and written when the timer module is enabled (i.e., the STP bit in the MCR is cleared). However, a write to this register must be completed before timeout for the new value to be reliably loaded into the counter. PREL2 $60E, $64E 15 14 13 12 11 10 9876543210 PR2-15 PR2-14 PR2-13 PR2-12 PR2-11 PR2-10 PR2-9 PR2-8 PR2-7 PR2-6 PR2-5 PR2-4 PR2-3 PR2-2 PR2-1 PR2-0 RESET: 1111111111111111 Supervisor/User 8.4.8 Compare Register (COM) The COM can be used in any mode. When the 16-bit counter reaches the value in the COM, the TC and COM bits in the SR are set. In the input capture/output compare mode, a compare event can be programmed to set, clear, or toggle TOUTx. The register can be be read and written when the timer module is enabled (i.e., the STP bit in the MCR is cleared). COM $610, $650 15 14 13 12 11 10 9876543210 COM15 COM14 COM13 COM12 COM11 COM10 COM9 COM8 COM7 COM6 COM5 COM4 COM3 COM2 COM1 COM0 RESET: 0000000000000000 Supervisor/User The COM can be used to produce an interrupt when the SR TC bit has been enabled to produce an interrupt and the counter counts down to a preselected value. The COM can also be used to indicate that the timer is approaching timeout. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |