Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 361 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 361 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 357Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 358Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 359Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 360Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 361Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 362Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 363Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 364Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 365Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 361 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
8- 17
Table 8-1. OCx Encoding
OC1
OC0
TOUTx
0
0
Hi-Z
01
0
10
0
11
1
A read of the SR while in this mode always shows the TO, TC, and COM bits cleared, and
the PO bits as $FF. The SR OUT bit always indicates the level on the TOUTx pin.
8.3.9 Bus Operation
The following paragraphs describe the operation of the IMB during read, write, and
interrupt acknowledge cycles to the timer.
8.3.9.1 READ CYCLES. The timer is accessed with no wait states. The timer responds to
byte, word, and long-word reads, and 16 bits of valid data are returned. Read cycles from
reserved registers return logic zero.
8.3.9.2 WRITE CYCLES. The timer is accessed with no wait states. The timer responds to
byte, word, and long-word writes. Write cycles to read-only registers and bits as well as
reserved registers complete in a normal manner without exception processing; however,
the data is ignored.
8.3.9.3 INTERRUPT ACKNOWLEDGE CYCLES. The timer is capable of arbitrating for
interrupt servicing and supplying the interrupt vector when it has successfully won
arbitration. The vector number must be provided if interrupt servicing is necessary; thus,
the interrupt register (IR) must be initialized. If the IR is not initialized, a spurious interrupt
exception will be taken if interrupt servicing is necessary.
8.4 REGISTER DESCRIPTION
The following paragraphs contain a detailed description of each register and its specific
function. The operation of the timer is controlled by writing control words into the
appropriate registers. Timer registers and their associated addresses are listed in Figure
8-11. For more information about a particular register, refer to the individual register
description. The ADDR column indicates the offset of the register from the base address
of the timer. An FC column designation of S indicates that register access is restricted to
supervisor only. A designation of S/U indicates that access is governed by the SUPV bit in
the module configuration register (MCR).
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com