Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 358 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 358 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 354Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 355Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 356Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 357Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 358Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 359Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 360Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 361Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 362Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 358 / 441 page
background image
8- 14
MC68340 USER’S MANUAL
MOTOROLA
f
f
f
9
START
COUNTING
ENABLE
STOP
COUNTING
NO EFFECT
MODEx Bits in Control Register = 101
TGE Bit of Control Register = 1
TGATE
COUNTER
CLOCK
0
f
f
f
f
f
f
f
f
f
f
f
f
f
e
d
c
f
f
f
b
COUNTER
f
f
f
a
f
f
f
9
PERIOD MEASURED
Figure 8-9. Period Measurement Mode
If the counter counts down to the value stored in the COM register, the COM and TC bits
in the SR are set. If the counter counts down to $0000, a timeout is detected. This sets the
SR TO bit, and clears the SR COM bit. At timeout, the next falling edge of the counter
clock reloads the counter with $FFFF. TOUTx transitions at timeout or is disabled as
programmed by the OCx bits of the CR, and the OUT bit in the SR reflects the level on
TOUTx.
To determine the number of cycles counted, the value in the CNTR must be read,
inverted, and incremented by 1 (the first count is $FFFF which, in effect, includes a count
of zero). The counter counts in a true 216 fashion. For measuring pulses of even greater
duration, the value in the POx bits in the SR are readable and can be thought of as an
extension of the least significant bits in the CNTR.
NOTE
Once the timer has been enabled, do not clear the SR TG bit
until the pulse has been measured and
TGATE
≈ has been
negated.
8.3.7 Event Count
This mode is used to count events by interpreting the falling edges of the counter clock as
events (see Figure 8-10). These events may be external or internal to the chip—for
example, counting the number of system clock cycles required to execute a sequence of
instructions. As another example, by connecting
AS to TINx, the number of bus cycles to
complete a sequence of instructions could be counted. This mode can be selected by
programming the CR MODEx bits to 110.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com