Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 357 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 357 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 353Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 354Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 355Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 356Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 357Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 358Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 359Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 360Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 361Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 357 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
8- 13
causes the counter to reload with $FFFF. TOUTx transitions at timeout or is disabled as
programmed by the CR OCx bits. The SR OUT bit reflects the level on TOUTx.
To determine the number of cycles counted, the value in the CNTR must be read,
inverted, and incremented by 1 (the first count is $FFFF which, in effect, includes a count
of zero). The counter counts in a true 216 fashion. For measuring pulses of even greater
duration, the value in the POx bits in the SR is readable and can be thought of as an
extension of the least significant bits in the CNTR.
NOTE
Once the timer has been enabled, do not clear the SR TG bit
until the pulse has been measured and
TGATE
≈ has been
negated.
8.3.6 Period Measurement
This mode is used to count the period of a particular event. The event is defined by the
assertion, negation, and subsequent reassertion of
TGATE
≈. When TGATE≈ is asserted,
the counter begins counting down from $FFFF. The negation of
TGATE
≈ has no effect on
the counter. When
TGATE
≈ is reasserted, the counter stops counting and holds the value
at which it stopped. Further assertions and negations of
TGATE
≈ have no effect on the
counter. This mode can be selected by programming the CR MODEx bits to 101.
The timer is enabled by setting the SWR, CPE, and the TGE bits in the CR. The assertion
of
TGATE
≈ starts the counter. When the timer is enabled, the SR ON bit is set. On the
next falling edge of the counter clock, the counter is loaded with the value of $FFFF. With
each successive falling edge of the counter clock, the counter decrements. The PREL1
and PREL2 registers are not used in this mode.
The first negation of
TGATE
≈ is ignored, but on the second assertion of TGATE≈, the SR
TG bit is set, the SR ON bit is negated, and the prescaler and counter are disabled.
Subsequent transitions on
TGATE
≈ do not re-enable the counter. See Figure 8-9 for a
depiction of this mode. The SR TGL bit reflects the level of
TGATE
≈ at all times.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com