Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 362 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 362 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 358Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 359Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 360Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 361Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 362Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 363Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 364Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 365Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 366Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 362 / 441 page
background image
8- 18
MC68340 USER’S MANUAL
MOTOROLA
TIMER 1
TIMER 2
FC
15
0
$600
$640
S
MODULE CONFIGURATION REGISTER (MCR)
$602
$642
S
RESERVED
$604
$644
S
INTERRUPT REGISTER (IR)
$606
$646
S/U
CONTROL REGISTER (CR)
$608
$648
S/U
STATUS/PRESCALER REGISTER (SR)
$60A
$64A
S/U
COUNTER REGISTER (CNTR)
$60C
$64C
S/U
PRELOAD 1 REGISTER (PREL1)
$60E
$64E
S/U
PRELOAD 2 REGISTER (PREL2)
$610
$650
S/U
COMPARE REGISTER (COM)
$612-$63F
$652-$67F
S/U
RESERVED
Figure 8-11. Timer Module Programming Model
In the registers discussed in the following paragraphs, the numbers in the upper right-
hand corner indicate the offset of the register from the base address specified by the
module base address register (MBAR) in the SIM40. The first number is the offset for
timer 1; the second number is the offset for timer 2. The numbers on the top line of the
register represent the bit position in the register. The register contains the mnemonic for
the bit. The value of these bits after a hardware reset is shown below the register. The
access privilege is shown in the lower right-hand corner.
NOTE
A CPU32 RESET instruction will not affect the MCR, but will
reset all other registers in the timer modules as though a
hardware reset occurred.
The term 'timer' is used to reference either timer 1 or timer 2, since the two are functionally
equivalent.
8.4.1 Module Configuration Register (MCR)
The MCR controls the timer module configuration. This register can be either read or
written when the module is enabled and is in the supervisor state. The MCR is not
affected by a CPU32 RESET instruction.
MCR
$600, $640
15
14
13
12
11
10
9876543210
STP
FRZ1
FRZ0
00000
SUPV
0
0
0
IARB3
IARB2
IARB1
IARB0
RESET:
0000000010000000
Supervisor Only
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com