Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 349 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 349 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 345Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 346Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 347Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 348Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 349Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 350Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 351Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 352Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 353Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 349 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
8- 5
EXTERNAL
INTERFACE
SIGNALS
TIMER 2
TIN2
TGATE2
TOUT2
TIN1
TGATE1
TOUT1
CLOCK
LOGIC
PRESCALER
COUNTER
OUTPUT
CONTROL
I
M
B
INTERRUPT
CONTROL
TIMER 1
CLOCK
LOGIC
PRESCALER
COUNTER
OUTPUT
CONTROL
INTERRUPT
CONTROL
EXTERNAL
INTERFACE
SIGNALS
Figure 8-3. External and Internal Interface Signals
8.2.1 Timer Input (TIN1, TIN2)
This input can be programmed to be the clock that causes events to occur in the counter
and prescaler. TINx is internally synchronized to the system clock to guarantee that a valid
TINx level is recognized. Additionally, the high and low levels of TINx must each be stable
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com