Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 345 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 345 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 341Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 342Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 343Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 344Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 345Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 346Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 347Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 348Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 349Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 345 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
8- 1
SECTION 8
TIMER MODULES
Each MC68340 timer module contains a counter/timer (timer 1 and timer 2) as shown in
Figure 8-1. Each timer interfaces directly to the CPU32 via the intermodule bus (IMB).
Each timer consists of the following major areas:
• A General-Purpose Counter/Timer
• Internal Control Logic
• Interrupt Control Logic
TIMER 2
INTERRUPT
CONTROL
LOGIC
IMB
INTERFACE
TIN2
TOUT2
TGATE2
TIMER 2
TIMER 1
INTERRUPT
CONTROL
LOGIC
IMB
INTERFACE
TIN1
TOUT1
TGATE1
TIMER 1
Figure 8-1. Simplified Block Diagram
8.1 MODULE OVERVIEW
Each timer module consists of the following functional features:
• Versatile General-Purpose Timer
• 8-Bit Prescaler/16-Bit Counter
• Timers Can Be Externally Cascaded for a Maximum Count Width of 48 Bits
• Programmable Timer Modes:
— Input Capture/Output Compare
— Square-Wave Generation
— Variable Duty-Cycle Square-Wave Generation
— Variable-Width Single-Shot Pulse Generation
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com