Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 348 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 348 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 344Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 345Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 346Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 347Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 348Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 349Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 350Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 351Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 352Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 348 / 441 page
background image
8- 4
MC68340 USER’S MANUAL
MOTOROLA
8.1.3 Interrupt Control Logic
Each timer provides seven interrupt request outputs (
IRQ7– IRQ1) to notify the CPU32
that an interrupt has occurred. The interrupts are described in 8.4 Register Description.
Bits in the SR indicate all currently active interrupt conditions. The interrupt enable (IE)
bits in the control register (CR) are programmable to mask any events that may cause an
interrupt.
8.2 TIMER MODULES SIGNAL DEFINITIONS
This section contains a brief description of the timer module signals (see Figure 8-3).
NOTE
The terms
assertion and negation are used throughout this
section to avoid confusion when dealing with a mixture of
active-low and active-high signals. The term
assert or assertion
indicates that a signal is active or true independent of the level
represented by a high or low voltage. The term
negate or
negation indicates that a signal is inactive or false.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com