Electronic Components Datasheet Search
  English  ▼

X  

ADR360 Datasheet(PDF) 5 Page - Analog Devices

Part # ADR360
Description  Low Power, Low Noise Voltage References with Sink/Source Capability
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR360 Datasheet(HTML) 5 Page - Analog Devices

  ADR360 Datasheet HTML 1Page - Analog Devices ADR360 Datasheet HTML 2Page - Analog Devices ADR360 Datasheet HTML 3Page - Analog Devices ADR360 Datasheet HTML 4Page - Analog Devices ADR360 Datasheet HTML 5Page - Analog Devices ADR360 Datasheet HTML 6Page - Analog Devices ADR360 Datasheet HTML 7Page - Analog Devices ADR360 Datasheet HTML 8Page - Analog Devices ADR360 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ADR360/ADR361/ADR363/ADR364/ADR365/ADR366
Rev. A | Page 5 of 20
ADR363—SPECIFICATIONS
Electrical Characteristics (VIN = 3.3 V to 15 V, TA = 25°C, unless otherwise noted.)
Table 4.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
OUTPUT VOLTAGE
VO
A Grade
2.994
3.000
3.006
V
B Grade
2.997
3.000
3.003
V
INITIAL ACCURACY
VOERR
A Grade
6
mV
A Grade
0.2
%
B Grade
3
mV
B Grade
0.1
%
A Grade, −40°C < TA < +125°C
25
ppm/°C
TEMPERATURE COEFFICIENT
TCVO
B Grade, −40°C < TA < +125°C
9
ppm/°C
SUPPLY VOLTAGE HEADROOM
VIN − VO
300
mV
LINE REGULATION
∆VO/∆VIN
VIN = 3.3 V to 15 V, −40°C < TA < +125°C
0.15
mV/V
ILOAD = 0 mA to 5 mA, −40°C < TA < +125°C, VIN = 4 V
0.54
mV/mA
LOAD REGULATION
∆VO/∆ILOAD
ILOAD = −1 mA to 0 mA, −40°C < TA < +125°C, VIN = 4 V
1.2
mV/mA
QUIESCENT CURRENT
IIN
−40°C < TA < +125°C
150
190
μA
VOLTAGE NOISE
eN p-p
0.1 Hz to 10 Hz
8.7
μV p-p
TURN-ON SETTLING TIME
tR
25
μs
LONG-TERM STABILITY1
∆VO
1,000 hours
50
ppm
OUTPUT VOLTAGE HYSTERESIS
∆VO_HYS
100
ppm
RIPPLE REJECTION RATIO
RRR
fIN = 60 kHz
70
dB
VIN = 5 V
25
mA
SHORT CIRCUIT TO GND
ISC
VIN = 15 V
30
mA
1 The long-term stability specification is noncumulative. The drift subsequent 1,000 hour periods are significantly lower than in the first 1,000 hour period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com