Electronic Components Datasheet Search
  English  ▼

X  

ADR360 Datasheet(PDF) 15 Page - Analog Devices

Part # ADR360
Description  Low Power, Low Noise Voltage References with Sink/Source Capability
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR360 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADR360 Datasheet HTML 11Page - Analog Devices ADR360 Datasheet HTML 12Page - Analog Devices ADR360 Datasheet HTML 13Page - Analog Devices ADR360 Datasheet HTML 14Page - Analog Devices ADR360 Datasheet HTML 15Page - Analog Devices ADR360 Datasheet HTML 16Page - Analog Devices ADR360 Datasheet HTML 17Page - Analog Devices ADR360 Datasheet HTML 18Page - Analog Devices ADR360 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
ADR360/ADR361/ADR363/ADR364/ADR365/ADR366
Rev. A | Page 15 of 20
XX
XX
2ms/DIV
100mV/DIV
LOAD ON
LOAD OFF
VOUT
Figure 26. ADR361 Load Transient Response
XX
XX
100mV/DIV
LOAD ON
VOUT
100
μs/DIV
Figure 27. ADR361 Load Transient Response,
0.1 μF Input, Output Capacitor
XX
XX
5V/DIV
INPUT
OUTPUT
10
μs/DIV
2.5V/DIV
Figure 28. ADR361 Turn-On Response Time at 5 V
XX
XX
400ns/DIV
OUTPUT
INPUT
5V/DIV
2.5V/DIV
Figure 29. ADR361 Turn-Off Response at 5 V
XX
XX
5V/DIV
2V/DIV
100
μs/DIV
VOUT
VIN
Figure 30. ADR361 Turn-On Response, 0.1 μF Output Capacitor
XX
XX
2V/DIV
5V/DIV
VIN
VOUT
2ms/DIV
Figure 31. ADR361 Turn-Off Response, 0.1 μF Output Capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com