Electronic Components Datasheet Search
  English  ▼

X  

ADR360 Datasheet(PDF) 18 Page - Analog Devices

Part # ADR360
Description  Low Power, Low Noise Voltage References with Sink/Source Capability
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR360 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADR360 Datasheet HTML 12Page - Analog Devices ADR360 Datasheet HTML 13Page - Analog Devices ADR360 Datasheet HTML 14Page - Analog Devices ADR360 Datasheet HTML 15Page - Analog Devices ADR360 Datasheet HTML 16Page - Analog Devices ADR360 Datasheet HTML 17Page - Analog Devices ADR360 Datasheet HTML 18Page - Analog Devices ADR360 Datasheet HTML 19Page - Analog Devices ADR360 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
ADR360/ADR361/ADR363/ADR364/ADR365/ADR366
Rev. A | Page 18 of 20
General-Purpose Current Source
Many times in low power applications, the need arises for a
precision current source that can operate on low supply
voltages. The ADR36x can be configured as a precision current
source (see Figure 36). The circuit configuration illustrated is a
floating current source with a grounded load. The reference’s
output voltage is bootstrapped across RSET, which sets the output
current into the load. With this configuration, circuit precision
is maintained for load currents ranging from the reference’s
supply current, typically 150 μA, to approximately 5 mA.
NC
GND
VIN
ADR36x
TRIM
VOUT
1
2
3
5
4
ISY
ISET + ISY
ISET
R1
P1
+VDD
RL
RSET
Figure 36. Precision Current Source
Trim Terminal
The ADR36x trim terminal can be used to adjust the output
voltage over a nominal voltage. This feature allows a system
designer to trim system errors by setting the reference to a
voltage other than the standard voltage option. Resistor R1 is
used for fine adjustment and can be omitted if desired. The
resistor values should be carefully chosen to ensure that the
maximum current drive of the part is not exceeded.
1
2
3
5
4
+VDD
NC
GND
VIN
ADR36x
TRIM
VOUT
VOUT
R1
100k
Ω
POT
10k
Ω
R2
1k
Ω
Figure 37. ADR36x Trim Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com