Electronic Components Datasheet Search
  English  ▼

X  

ADT75 Datasheet(PDF) 5 Page - Analog Devices

Part # ADT75
Description  -1째C Accurate, 12-Bit Digital Temperature Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT75 Datasheet(HTML) 5 Page - Analog Devices

  ADT75 Datasheet HTML 1Page - Analog Devices ADT75 Datasheet HTML 2Page - Analog Devices ADT75 Datasheet HTML 3Page - Analog Devices ADT75 Datasheet HTML 4Page - Analog Devices ADT75 Datasheet HTML 5Page - Analog Devices ADT75 Datasheet HTML 6Page - Analog Devices ADT75 Datasheet HTML 7Page - Analog Devices ADT75 Datasheet HTML 8Page - Analog Devices ADT75 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
ADT75
Rev. 0 | Page 5 of 24
B GRADE
TA = TMIN to TMAX, VDD = 3.0 V to 5.5 V. All specifications for −55°C to +125°C, unless otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
TEMPERATURE SENSOR AND ADC
Accuracy at VDD = 3.0 V to 5.5 V
±1
°C
TA = 0°C to +70°C
±2
°C
TA = −25°C to +100°C
±3
°C
TA = −55°C to +100°C
Accuracy at VDD = 3.0 V to 3.6 V
±3
°C
TA = +100°C to +125°C
Accuracy at VDD = 4.5 V to 5.5 V
±2
°C
TA = +100°C to +125°C
ADC Resolution
12
bits
Temperature Resolution
0.0625
°C
Temperature Conversion Time
60
ms
Update Rate
100
ms
Conversion started every 100 ms
Long Term Drift
0.08
°C
Drift over 10 years, if part is operated at 55°C
Temperature Hysteresis
+0.03
°C
Temperature cycle = 25°C to 125°C to 25°C
OS/ALERT OUTPUT (OPEN DRAIN)
Output Low Voltage, VOL
0.4
V
IOL = 3 mA
Pin Capacitance
10
pF
High Output Leakage Current, IOH
0.1
5
μA
OS/ALERT pin pulled up to 5.5 V
RON Resistance (Low Output)
15
Ω
Supply and temperature dependent
DIGITAL INPUTS
Input Current
±1
μA
VIN = 0 V to VDD
Input Low Voltage, VIL
0.3 × VDD
V
Input High Voltage, VIH
0.7 × VDD
V
SCL, SDA Glitch Rejection
50
ns
Input filtering suppresses noise spikes of less
than 50 ns
Pin Capacitance
3
10
pF
DIGITAL OUTPUT (OPEN DRAIN)
Output High Current, IOH
1
mA
VOH = 5 V
Output Low Voltage, VOL
0.4
V
IOL = 3 mA
Output High Voltage, VOH
0.7 × VDD
V
Output Capacitance, COUT
3
10
pF
POWER REQUIREMENTS
Supply Voltage
3
5.5
V
Supply Current at 3.3 V
350
500
μA
Peak current while converting and I2C
interface inactive
Supply Current at 5.0 V
380
525
μA
Peak current while converting and I2C
interface inactive
Average Current at 3.3 V
200
μA
Part converting and I2C interface inactive
Average Current at 5.0 V
225
μA
Part converting and I2C interface inactive
Shutdown Mode at 3.3 V
3
8
μA
Supply current in shutdown mode
Shutdown Mode at 5.0 V
5.5
12
μA
Supply current in shutdown mode
Average Power Dissipation
798.6
μW
VDD = 3.3 V, normal mode at 25°C
1 SPS
78.6
μW
Average power dissipated for VDD = 3.3 V, shutdown
mode at 25°C
140
μW
Average power dissipated for VDD = 5.0 V, shutdown
mode at 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com