Electronic Components Datasheet Search
  English  ▼

X  

ADT75 Datasheet(PDF) 18 Page - Analog Devices

Part # ADT75
Description  -1째C Accurate, 12-Bit Digital Temperature Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT75 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADT75 Datasheet HTML 14Page - Analog Devices ADT75 Datasheet HTML 15Page - Analog Devices ADT75 Datasheet HTML 16Page - Analog Devices ADT75 Datasheet HTML 17Page - Analog Devices ADT75 Datasheet HTML 18Page - Analog Devices ADT75 Datasheet HTML 19Page - Analog Devices ADT75 Datasheet HTML 20Page - Analog Devices ADT75 Datasheet HTML 21Page - Analog Devices ADT75 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
ADT75
Rev. 0 | Page 18 of 24
FRAME 1
SERIAL BUS ADDRESS BYTE
FRAME 2
ADDRESS POINTER REGISTER BYTE
ACK. BY
ADT75
ACK. BY
ADT75
ACK. BY
ADT75
STOP BY
MASTER
FRAME 4
DATA BYTE
SCL
SDA
START BY
MASTER
1
0
0
1
A2
A1
A0
P7
P6
P5
P4
P3
P2
P1
P0
9
D7
D6
D5
D4
D3
D2
D1
D0
R/W
1
9
1
9
1
ACK. BY
ADT75
FRAME 3
DATA BYTE
SDA (CONTINUED)
SCL (CONTINUED)
D15
D14
D13
D12
D11
D10
D9
D8
9
1
Figure 16. Writing to the Address Pointer Register Followed by Two Bytes of Data to Either THYST or TOS Registers
SCL
SDA
1
10
0
1
A2
A1
A0
START BY
MASTER
FRAME 1
SERIAL BUS ADDRESS
BYTE
FRAME 2
DATA BYTE FROM CONFIGURATION
REGISTER
STOP BY
MASTER
ACK. BY
ADT75
NO ACK. BY
MASTER
R/W
D7
D6
D5
D4
D3
D2
D1
D0
99
1
Figure 17. Reading Back Data from the Configuration Register
FRAME 1
SERIAL BUS ADDRESS BYTE
FRAME 2
MSB DATA BYTE FROM TEMPERATURE
VALUE REGISTER
ACK. BY
ADT75
ACK. BY
MASTER
SCL
SDA
START BY
MASTER
1
0
0
1
A2
A1
A0
D15
D14
D13
D12
D11
D10
D9
D8
9
R/W
1
9
1
NO ACK. BY
MASTER
STOP BY
MASTER
FRAME 3
LSB DATA BYTE FROM TEMPERATURE
VALUE REGISTER
SDA (CONTINUED)
SCL (CONTINUED)
D7
D6
D5
D4
D3
D2
D1
D0
9
1
Figure 18. Reading Back Data from the Temperature Value Register
READING DATA
Reading data from the ADT75 is done in a one data byte operation for the configuration register and a two data byte operation for the
temperature value register, THYST register, and the TOS setpoint register. Reading back the contents of the configuration register is shown in
Figure 17. Reading back the contents of the temperature value register is shown in Figure 18. Reading back from any register first requires
a single-byte write operation to the address pointer register to set up the register address of the register that is going to be read from. To
read from another register, execute another write to the address pointer register to set up the relevant register address. Thus, block reads are
not possible, that is, there is no I2C auto-increment. If the address pointer register has previously been set up with the address of the register
that is going to receive a read command then there is no need to repeat a write operation to set up the register address again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com