Electronic Components Datasheet Search
  English  ▼

X  

ADT75 Datasheet(PDF) 17 Page - Analog Devices

Part # ADT75
Description  -1째C Accurate, 12-Bit Digital Temperature Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT75 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADT75 Datasheet HTML 13Page - Analog Devices ADT75 Datasheet HTML 14Page - Analog Devices ADT75 Datasheet HTML 15Page - Analog Devices ADT75 Datasheet HTML 16Page - Analog Devices ADT75 Datasheet HTML 17Page - Analog Devices ADT75 Datasheet HTML 18Page - Analog Devices ADT75 Datasheet HTML 19Page - Analog Devices ADT75 Datasheet HTML 20Page - Analog Devices ADT75 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
ADT75
Rev. 0 | Page 17 of 24
WRITING DATA
Depending on the register being written to, there are two
different writes for the ADT75.
Writing to the Address Pointer Register for a
Subsequent Read
In order to read data from a particular register, the address
pointer register must contain the address of that register. If it
does not, the correct address must be written to the address
pointer register by performing a single-byte write operation, as
shown in Figure 14. The write operation consists of the serial
bus address followed by the address pointer byte. No data is
written to any of the data registers. A read operation is then
performed to read the register.
Writing Data to a Register
The configuration register is 8-bits wide so only one byte of data
can be written to this register. Writing a single byte of data to
the configuration register consists of the serial bus address, the
data register address written to the address pointer register,
followed by the data byte written to the selected data register.
This is shown in Figure 15. The THYST register and the TOS
register are each 16-bits wide, so two data bytes can be written
into these registers. Writing two bytes of data to either one of
these registers consists of the serial bus address, the data register
address written to the address pointer register, followed by the
two data bytes written to the selected data register. This is
shown in Figure 16. If more than the required number of data
bytes is written to a register then the register ignores these extra
data bytes. To write to a different register, another start or
repeated start is required.
SCL
SDA
1
10
0
1
A2
A1
A0
START BY
MASTER
FRAME 1
SERIAL BUS ADDRESS
BYTE
FRAME 2
ADDRESS POINTER REGISTER BYTE
STOP BY
MASTER
ACK. BY
ADT75
ACK. BY
ADT75
R/W
P7
P6
P5
P4
P3
P2
P1
P0
99
1
Figure 14. Writing to the Address Pointer Register to Select a Register for a Subsequent Read Operation
FRAME 1
SERIAL BUS ADDRESS BYTE
FRAME 2
ADDRESS POINTER REGISTER BYTE
ACK. BY
ADT75
ACK. BY
ADT75
ACK. BY
ADT75
STOP BY
MASTER
FRAME 3
DATA BYTE
SDA (CONTINUED)
SCL (CONTINUED)
SCL
SDA
START BY
MASTER
1
0
0
1
A2
A1
A0
P7
P6
P5
P4
P3
P2
P1
P0
9
D7
D6
D5
D4
D3
D2
D1
D0
R/W
1
9
1
9
1
Figure 15. Writing to the Address Pointer Register Followed by a Single Byte of Data to the Configuration Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com