Electronic Components Datasheet Search
  English  ▼

X  

ATR0630 Datasheet(PDF) 32 Page - ATMEL Corporation

Part # ATR0630
Description  ANTARIS4 Single-chip GPS Receiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0630 Datasheet(HTML) 32 Page - ATMEL Corporation

Back Button ATR0630 Datasheet HTML 28Page - ATMEL Corporation ATR0630 Datasheet HTML 29Page - ATMEL Corporation ATR0630 Datasheet HTML 30Page - ATMEL Corporation ATR0630 Datasheet HTML 31Page - ATMEL Corporation ATR0630 Datasheet HTML 32Page - ATMEL Corporation ATR0630 Datasheet HTML 33Page - ATMEL Corporation ATR0630 Datasheet HTML 34Page - ATMEL Corporation ATR0630 Datasheet HTML 35Page - ATMEL Corporation ATR0630 Datasheet HTML 36Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
32
4920B–GPS–06/06
ATR0630 [Preliminary]
7.4
High-level input voltage
VDD18 domain
VDD18 = 1.65V to 1.95V
V
IH,18
0.7
×
VDD18
VDD18 +
0.3
V
7.5
Schmitt trigger threshold
rising
VDD18 = 1.65V to 1.95V
CLK23
Vth+,CLK23
0.7
×
VDD18
V
7.6
Schmitt trigger threshold
falling
VDD18 = 1.65V to 1.95V
CLK23
V
th-,CLK23
0.3
×
VDD18
V
7.7
Schmitt trigger hysteresis
VDD18 = 1.65V to 1.95V
CLK23
Vhyst,CLK23
0.3
0.55
V
7.8
Schmitt trigger threshold
rising
VDD18 = 1.65V to 1.95V
NRESET
V
th+,NRESET
0.8
1.3
V
7.9
Schmitt trigger threshold
falling
VDD18 = 1.65V to 1.95V
NRESET
Vth-,NRESET
0.46
0.77
V
7.10
Low-level input voltage
VDDIO domain
VDDIO = 1.65V to 3.6V
V
IL,IO
–0.3
+0.41
V
7.11
High-level input voltage
VDDIO domain
VDDIO = 1.65V to 3.6V
V
IH,IO
1.46
5.0
V
7.12
Low-level input voltage
VBAT18 domain
VBAT18 = 1.65V to 1.95V
A11, B10,
C10, D10
VIL,BAT
–0.3
+0.41
V
7.13
High-level input voltage
VBAT18 domain
VBAT18 = 1.65V to 1.95V
A11, B10,
C10, D10
V
IH,BAT
1.46
5.0
V
7.14
Low-level input voltage
USB
VDD_USB = 3.0V to 3.6V
C9, D9
V
IL,USB
–0.3
+0.8
V
7.15
High-level input voltage
USB
VDD_USB = 3.0V to 3.6V
39
Ω source resistance +
27
Ω external series resistor
C9, D9
VIH,USB
2.0
3.6
V
7.16
Low-level output voltage
VDD18 domain
IOL = 1.5 mA,
VDD18 = 1.65V
VOL,18
0.4
V
7.17
High-level output voltage
VDD18 domain
I
OH = –1.5 mA,
VDD18 = 1.65V
VOH,18
VDD18 –
0.45
V
7.18
Low-level output voltage
VDDIO domain
IOL = 1.5 mA,
VDDIO = 3.0V
V
OL,IO
0.4
V
7.19
High-level output voltage
VDDIO domain
IOH = –1.5 mA,
VDDIO = 3.0V
VOH,IO
VDDIO –
0.5
V
7.20
Low-level output voltage
VBAT18 domain
IOL = 1 mA
P9, P13,
P22, P31
VOL,BAT
0.4
V
7.21
High-level output voltage
VBAT18 domain
I
OH = –1 mA
P9, P13,
P22, P31
V
OH,BAT
1.2
V
9.
Electrical Characteristics (Continued)
If no additional information is given in column Test Conditions, the values apply to temperature range from –40°C to +85°C.
No.
Parameters
Test Conditions
Pin
Symbol
Min
Typ
Max
Unit
Notes:
1. The LDO18 is a built in low dropout voltage regulator, which can be used if the host system does not provide the core volt-
age VDD18.
2. The LDOBAT is a built in low dropout voltage regulator, which provides the supply voltage VBAT18 for the RTC, backup
SRAM, P9, P13, P22, P31, NSLEEP and NSHDN. The LDOBAT voltage regulator switches in battery mode if LDOBAT_IN
falls below 1.5V.
3. Supply voltage VBAT18 for backup domain is generated internally by the LDOBAT.
4. No external load allowed.
5. If no current is caused by outputs (pad output current as well as current across internal pull-up resistors)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com