Electronic Components Datasheet Search
  English  ▼

X  

ATR0630 Datasheet(PDF) 33 Page - ATMEL Corporation

Part # ATR0630
Description  ANTARIS4 Single-chip GPS Receiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0630 Datasheet(HTML) 33 Page - ATMEL Corporation

Back Button ATR0630 Datasheet HTML 28Page - ATMEL Corporation ATR0630 Datasheet HTML 29Page - ATMEL Corporation ATR0630 Datasheet HTML 30Page - ATMEL Corporation ATR0630 Datasheet HTML 31Page - ATMEL Corporation ATR0630 Datasheet HTML 32Page - ATMEL Corporation ATR0630 Datasheet HTML 33Page - ATMEL Corporation ATR0630 Datasheet HTML 34Page - ATMEL Corporation ATR0630 Datasheet HTML 35Page - ATMEL Corporation ATR0630 Datasheet HTML 36Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
33
4920B–GPS–06/06
ATR0630 [Preliminary]
7.22
Low-level output voltage
USB
IOL = 2.2 mA,
VDD_USB = 3.0V to 3.6V,
27
Ω external series resistor
DP, DM
VOL,USB
0.3
V
7.23
High-level output voltage
USB
I
OH = 0.2 mA,
VDD_USB = 3.0V to 3.6V,
27
Ω external series resistor
DP, DM
VOH,USB
2.8
V
7.24
Input-leakage current
(standard inputs and I/Os)
VDD18 = 1.95V
V
IL = 0V
ILEAK
–1
+1
µA
7.25
Input capacitance
I
CAP
10
pF
7.26
Input pull-up resistor
NRESET
–40°C to +85°C
A7
R
PU
0.7
1.8
k
Ω
7.27
Input pull-up resistors
TCK, TDI, TMS
–40°C to +85°C
G9, H10,
G10
R
PU
718
k
Ω
7.28
Input pull-up resistors P9,
P13, P22, P31
–40°C to +85°C
A11, B10,
C10, D10
RPU
100
235
k
Ω
7.29
Input pull-down resistors
DBG_EN, NTRST, RF_ON
–40°C to +85°C
E8, H11
R
PD
718
k
Ω
7.30
Input pull-down resistors
P0, P15, P30
–40°C to +85°C
F10, C8,
F11, G12
R
PD
100
235
k
Ω
7.31
Configurable input pull-up
resistors P1, P2, P8, P12,
P14, P16 to P21, P23 to
P27, P29
–40°C to +85°C
R
CPU
50
160
k
Ω
7.32
Configurable input
pull-down resistors P1, P2,
P8, P12, P14, P16 to P21,
P23 to P27, P29
–40°C to +85°C
R
CPD
40
160
k
Ω
7.33
Configurable input pull-up
resistor USB_DP (idle
state)
–40°C to +85°C
C9
RCPU
0.9
1.575
k
Ω
7.34
Configurable input pull-up
resistor USP_DP
(operation state)
–40°C to +85°C
C9
R
CPU
1.425
3.09
k
Ω
7.35
Input pull-down resistors
USB_DP, USB_DM
–40°C to +85°C
C9, D9
R
PD
10
500
k
Ω
9.
Electrical Characteristics (Continued)
If no additional information is given in column Test Conditions, the values apply to temperature range from –40°C to +85°C.
No.
Parameters
Test Conditions
Pin
Symbol
Min
Typ
Max
Unit
Notes:
1. The LDO18 is a built in low dropout voltage regulator, which can be used if the host system does not provide the core volt-
age VDD18.
2. The LDOBAT is a built in low dropout voltage regulator, which provides the supply voltage VBAT18 for the RTC, backup
SRAM, P9, P13, P22, P31, NSLEEP and NSHDN. The LDOBAT voltage regulator switches in battery mode if LDOBAT_IN
falls below 1.5V.
3. Supply voltage VBAT18 for backup domain is generated internally by the LDOBAT.
4. No external load allowed.
5. If no current is caused by outputs (pad output current as well as current across internal pull-up resistors)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com