Electronic Components Datasheet Search
  English  ▼

X  

ATR0630 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATR0630
Description  ANTARIS4 Single-chip GPS Receiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0630 Datasheet(HTML) 4 Page - ATMEL Corporation

  ATR0630 Datasheet HTML 1Page - ATMEL Corporation ATR0630 Datasheet HTML 2Page - ATMEL Corporation ATR0630 Datasheet HTML 3Page - ATMEL Corporation ATR0630 Datasheet HTML 4Page - ATMEL Corporation ATR0630 Datasheet HTML 5Page - ATMEL Corporation ATR0630 Datasheet HTML 6Page - ATMEL Corporation ATR0630 Datasheet HTML 7Page - ATMEL Corporation ATR0630 Datasheet HTML 8Page - ATMEL Corporation ATR0630 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
4
4920B–GPS–06/06
ATR0630 [Preliminary]
2.2
General Description
The ATR0630 has been designed especially for mobile applications. It provides high isolation
between GPS and cellular bands, as well as very low power consumption.
ATR0630 is based on the successful ANTARIS4 technology which includes the ANTARIS ROM
software, developed by u-blox AG, Switzerland. ANTARIS provides a proven navigation engine
which is used in high-end car navigation systems, automatic vehicle location (AVL), security and
surveying systems, traffic control, road pricing, and speed camera detectors, and provides loca-
tion-based services (LBS) worldwide.
The ANTARIS4 chipset has a very low power consumption and comes with a very low BoM for
the passive components. Especially, due to its fast search engine and GPS accelerator, the
ATR0630 only needs a GPS crystal (XTAL) as a resonator for the integrated crystal oscillator of
the ATR0630. This saves the considerable higher cost of a TCXO which is required for competi-
tor’s systems. Also, as the powerful standard software is available in ROM, no external flash
memory is needed.
The L1 input signal (f
RF) is a Direct Sequence Spread Spectrum (DSSS) signal with a center fre-
quency of 1575.42 MHz. The digital modulation scheme is Bi-Phase-Shift-Keying (BPSK) with a
chip rate of 1.023 Mbps.
2.3
PMSS Logic
The power management, startup and shutdown (PMSS) logic ensures reliable operation within
the recommended operating conditions. The external power control signals PUrf and PUxto are
passed through Schmitt trigger inputs to eliminate voltage ripple and prevent undesired behavior
during start-up and shut-down. Digital and analog supply voltages are analyzed by a monitoring
circuit, enabling the startup of the IC only when it is within a safe operating range.
2.4
XTO
The XTO is designed for minimum phase noise and frequency perturbations. The balanced
topology gives maximum isolation from external and ground coupled noise. The built-in jump
start circuitry ensures reliable start-up behavior of any specified crystal. For use with an external
TCXO, the XTO circuitry can be used as a single-ended or balanced input buffer.
The recommended reference frequency is: f
XTO = 23.104 MHz.
2.5
VCO/PLL
The frequency synthesizer features a balanced VCO and a fully integrated loop filter, thus no
external components are required. The VCO combines very good phase noise behavior and
excellent spurious suppression. The relation between the reference frequency (f
XTO) and the
VCO center frequency (f
VCO) is given by: fVCO =fXTO × 64 = 23.104 MHz × 64 = 1478.656 MHz.
2.6
RF Mixer/Image Filter
Combined with the antenna, an external LNA provides a first band-path filtering of the signal.
Atmel’s ATR0610 is recommended for the LNA due to its low noise figure, high linearity and low
power consumption. The output of the LNA drives a SAW filter, which provides image rejection
for the mixer and the required isolation to all GSM bands. The output of the SAW filter is fed into
a highly linear mixer with high conversion gain and excellent noise performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com