Electronic Components Datasheet Search
  English  ▼

X  

BSH106 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BSH106
Description  N-channel enhancement mode MOS transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSH106 Datasheet(HTML) 1 Page - NXP Semiconductors

  BSH106 Datasheet HTML 1Page - NXP Semiconductors BSH106 Datasheet HTML 2Page - NXP Semiconductors BSH106 Datasheet HTML 3Page - NXP Semiconductors BSH106 Datasheet HTML 4Page - NXP Semiconductors BSH106 Datasheet HTML 5Page - NXP Semiconductors BSH106 Datasheet HTML 6Page - NXP Semiconductors BSH106 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Philips Semiconductors
Product specification
N-channel enhancement mode
BSH106
MOS transistor
FEATURES
SYMBOL
QUICK REFERENCE DATA
• Very low threshold voltage
V
DS = 20 V
• Fast switching
• Logic level compatible
I
D = 1.05 A
• Subminiature surface mount
package
R
DS(ON) ≤ 250 mΩ (VGS = 2.5 V)
V
GS(TO) ≥ 0.4 V
GENERAL DESCRIPTION
PINNING
SOT363
N-channel, enhancement mode,
PIN
DESCRIPTION
logic
level,
field-effect
power
transistor. This device has very low
1,2,5,6 drain
threshold voltage and extremely
fast switching making it ideal for
3
gate
battery powered applications and
high speed digital interfacing.
4
source
The BSH106 is supplied in the
SOT363
subminiature
surface
mounting package.
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134)
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
DS
Drain-source voltage
-
20
V
V
DGR
Drain-gate voltage
R
GS = 20 kΩ
-20
V
V
GS
Gate-source voltage
-
± 8V
I
D
Drain current (DC)
T
a = 25 ˚C
-
1.05
A
T
a = 100 ˚C
-
0.67
A
I
DM
Drain current (pulse peak value)
T
a = 25 ˚C
-
4.2
A
P
tot
Total power dissipation
T
a = 25 ˚C
-
0.417
W
T
a = 100 ˚C
-
0.17
W
T
stg, Tj
Storage & operating temperature
- 55
150
˚C
THERMAL RESISTANCES
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
R
th j-a
Thermal resistance junction to
FR4 board, minimum
300
-
K/W
ambient
footprint
d
g
s
1
3
5
Top view
2
4
6
August 1998
1
Rev 1.000


Similar Part No. - BSH106

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSH101 PHILIPS-BSH101 Datasheet
643Kb / 12P
N-channel enhancement mode MOS transistor
2000 Jul 19
BSH102 PHILIPS-BSH102 Datasheet
96Kb / 12P
N-channel enhancement mode MOS transistor
1997 Dec 08
BSH103 PHILIPS-BSH103 Datasheet
96Kb / 12P
N-channel enhancement mode MOS transistor
1998 Feb 11
logo
VBsemi Electronics Co.,...
BSH103 VBSEMI-BSH103 Datasheet
1Mb / 9P
N-Channel 30-V (D-S) MOSFET
logo
Nexperia B.V. All right...
BSH103 NEXPERIA-BSH103 Datasheet
197Kb / 13P
N-channel enhancement mode MOS transistor
1998 Feb 11
More results

Similar Description - BSH106

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSH103 PHILIPS-BSH103 Datasheet
96Kb / 12P
N-channel enhancement mode MOS transistor
1998 Feb 11
BSH104 PHILIPS-BSH104 Datasheet
51Kb / 8P
N-channel enhancement mode MOS transistor
1997 Nov 26
BSH105 PHILIPS-BSH105 Datasheet
145Kb / 7P
N-channel enhancement mode MOS transistor
August 1998 Rev 1.000
BSH107 PHILIPS-BSH107 Datasheet
152Kb / 7P
N-channel enhancement mode MOS transistor
August 1998 Rev 1.000
PHN110 PHILIPS-PHN110 Datasheet
79Kb / 12P
N-channel enhancement mode MOS transistor
1997 Jun 17
logo
Seme LAB
2N7002CSM SEME-LAB-2N7002CSM Datasheet
14Kb / 2P
N-CHANNEL ENHANCEMENT MODE MOS TRANSISTOR
logo
Calogic, LLC
2N7000 CALOGIC-2N7000 Datasheet
25Kb / 2P
N-Channel Enhancement-Mode MOS Transistor
2N7002 CALOGIC-2N7002 Datasheet
24Kb / 2P
N-Channel Enhancement-Mode MOS Transistor
logo
Seme LAB
2N6660X SEME-LAB-2N6660X Datasheet
37Kb / 2P
N-CHANNEL ENHANCEMENT MODE MOS TRANSISTOR
2N6660CSM4 SEME-LAB-2N6660CSM4 Datasheet
43Kb / 2P
N-CHANNEL ENHANCEMENT MODE MOS TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com