Electronic Components Datasheet Search
  English  ▼

X  

VS6524 Datasheet(PDF) 60 Page - STMicroelectronics

Part # VS6524
Description  VGA single-chip camera module
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6524 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button VS6524 Datasheet HTML 56Page - STMicroelectronics VS6524 Datasheet HTML 57Page - STMicroelectronics VS6524 Datasheet HTML 58Page - STMicroelectronics VS6524 Datasheet HTML 59Page - STMicroelectronics VS6524 Datasheet HTML 60Page - STMicroelectronics VS6524 Datasheet HTML 61Page - STMicroelectronics VS6524 Datasheet HTML 62Page - STMicroelectronics VS6524 Datasheet HTML 63Page - STMicroelectronics VS6524 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 70 page
background image
Electrical characteristics
VL6524/VS6524
60/70
13.4
AC electrical characteristics
13.4.1
External clock
The VL6524/VS6524 requires an external clock. This clock is a CMOS digital input. The
clock input is fail-safe in power down mode.
13.4.2
Chip enable
CE is a CMOS digital input. The module is powered down when a logic 0 is applied to CE.
See
Chapter 4 for power down and for power-up sequence.
13.4.3
I²C slave interface
VL6524/VS6524 contains an I²C-type interface using two signals: a bidirectional serial data
line (SDA) and an input-only serial clock line (SCL). See
Chapter 10 for detailed description
of protocol.
Table 36.
External clock
CLK
Range
Unit
Min.
Typ.
Max.
DC coupled square wave
VDD
V
Clock frequency (normal operation)
6.50
6.50, 8.40, 9.60, 9.72, 12.00,
13.00, 16.80, 19.20, 19.44
26
MHz
Table 37.
Serial interface voltage levels(1)
1.
Maximum VIH = VDDmax + 0.5 V
Symbol
Parameter
Standard Mode
Fast Mode
Unit
Min.
Max.
Min.
Max.
VHYS
Hysteresis of Schmitt Trigger
Inputs
VDD > 2 V
N/A
N/A
0.05 VDD
-V
VDD < 2V
N/A
N/A
0.1 VDD
-V
LOW level output voltage
(open drain) at 3mA sink current
VOL1
VDD > 2 V
0
0.4
0
0.4
V
VOL3
VDD < 2V
N/A
N/A
0
0.2 VDD
V
VOH
HIGH level output voltage
N/A
N/A
0.8 VDD
V
tOF
Output fall time from VIHmin to
VILmax with a bus capacitance
from 10 pF to 400 pF
-
250
20+0.1Cb
(2)
2.
Cb = capacitance of one bus line in pF
250
ns
tSP
Pulse width of spikes which must
be suppressed by the input filter
N/A
N/A
0
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com