Electronic Components Datasheet Search
  English  ▼

X  

VS6524 Datasheet(PDF) 8 Page - STMicroelectronics

Part # VS6524
Description  VGA single-chip camera module
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6524 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button VS6524 Datasheet HTML 4Page - STMicroelectronics VS6524 Datasheet HTML 5Page - STMicroelectronics VS6524 Datasheet HTML 6Page - STMicroelectronics VS6524 Datasheet HTML 7Page - STMicroelectronics VS6524 Datasheet HTML 8Page - STMicroelectronics VS6524 Datasheet HTML 9Page - STMicroelectronics VS6524 Datasheet HTML 10Page - STMicroelectronics VS6524 Datasheet HTML 11Page - STMicroelectronics VS6524 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 70 page
background image
Overview
VL6524/VS6524
8/70
1
Overview
1.1
Description
The VL6524/VS6524 is a VGA resolution CMOS imaging device designed for low power
systems.
Video data is output from the VS6524 over an 8-bit parallel bus in RGB, YCbCr or bayer
formats and is controlled via an I²C interface.
The VL6524/VS6524 requires an analogue power supply of between 2.4 V to 3.0 V and a
digital supply of either 1.8 V or 2.8 V (dependant on interface levels required). An input clock
is required in the range 6.5 MHz to 26 MHz.
The device contains an embedded video processor and delivers fully color processed
images at up to 30 frames per second. The video processor integrates a wide range of
image enhancement functions, designed to ensure high image quality, these include:
●
Automatic exposure control
●
Automatic white balance
●
Lens shading compensation
●
Defect correction algorithms
●
Demosaic (Bayer to RGB conversion)
●
Matrix compensation
●
Sharpening
●
Gamma correction
●
Flicker cancellation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com