Electronic Components Datasheet Search
  English  ▼

X  

LMH6321 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6321
Description  300 mA High Speed Buffer with Adjustable Current Limit
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6321 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LMH6321 Datasheet HTML 13Page - National Semiconductor (TI) LMH6321 Datasheet HTML 14Page - National Semiconductor (TI) LMH6321 Datasheet HTML 15Page - National Semiconductor (TI) LMH6321 Datasheet HTML 16Page - National Semiconductor (TI) LMH6321 Datasheet HTML 17Page - National Semiconductor (TI) LMH6321 Datasheet HTML 18Page - National Semiconductor (TI) LMH6321 Datasheet HTML 19Page - National Semiconductor (TI) LMH6321 Datasheet HTML 20Page - National Semiconductor (TI) LMH6321 Datasheet HTML 21Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
Application Hints (Continued)
TABLE 1.
θ
JA vs. Copper Area and PD for TO-263. 1.0
oz cu Board. No Air Flow. Ambient Temperature = 24˚C
Copper Area
θJA @ 1.0W
(˚C/W)
θJA @ 2.0W
(˚C/W)
1 Layer = 1”x2” cu
Bottom
62.4
54.7
2 Layer = 1”x2” cu
Top & Bottom
36.4
32.1
2 Layer = 2”x2” cu
Top & Bottom
23.5
22.0
2 Layer = 2”x4” cu
Top & Bottom
19.8
17.2
As seen in the previous example, buffer dissipation in DC
circuit applications is easily computed. However, in AC cir-
cuits, signal wave shapes and the nature of the load (reac-
tive, non-reactive) determine dissipation. Peak dissipation
can be several times the average with reactive loads. It is
particularly important to determine dissipation when driving
large load capacitance.
A selection of thermal data for the PSOP package is shown
in Table 2. The table summarized
θ
JA for both 0.5 watts and
0.75 watts. Note that the thermal resistance, for both the
TO-263 and the PSOP package is lower for the higher power
dissipation levels. This phenomenon is a result of the prin-
ciple of Newtons Law of Cooling. Restated in term of heat-
sink cooling, this principle says that the rate of cooling and
hence the thermal conduction, is proportional to the tem-
perature difference between the junction and the outside
environment (ambient). This difference increases with in-
creasing power levels, thereby producing higher die tem-
peratures with more rapid cooling.
TABLE 2.
θ
JA vs. Copper Area and PD for PSOP. 1.0 oz
cu Board. No Airflow. Ambient Temperature = 22˚C
Copper Area/Vias
θJA @ 0.5W
(˚C/W)
θJA @ 0.75W
(˚C/W)
1 Layer = 0.05 sq. in.
(Bottom)+3Via
Pads
141.4
138.2
1 Layer = 0.1 sq. in.
(Bottom)+3Via
Pads
134.4
131.2
1 Layer = 0.25 sq. in.
(Bottom)+3Via
Pads
115.4
113.9
1 Layer = 0.5 sq. in.
(Bottom)+3Via
Pads
105.4
104.7
1 Layer = 1.0 sq. in.
(Bottom)+3Via
Pads
100.5
100.2
2 Layer = 0.5 sq. in.
(Top)/ 0.5 sq. in.
(Bottom) + 33 Via
Pads
93.7
92.5
2 Layer = 1.0 sq. in.
(Top)/ 1.0 sq. in.
(Bottom) + 53 Via
Pads
82.7
82.2
ERROR FLAG OPERATION
The LMH6321 provides an open collector output at the EF
pin that produces a low voltage when the Thermal Shutdown
Protection is engaged, due to a fault condition. Under normal
operation, the Error Flag pin is pulled up to V
+ by an external
resistor. When a fault occurs, the EF pin drops to a low
voltage and then returns to V
+ when the fault disappears.
This voltage change can be used as a diagnostic signal to
alert a microprocessor of a system fault condition. If the
function is not used, the EF pin can be either tied to ground
or left open. If this function is used, a 10 k
Ω, or larger, pull-up
resistor (R
2 in Figure 2) is recommended. The larger the
20138630
FIGURE 4. Thermal Resistance (typ) for 7-L TO-263
Package Mounted on 1 oz. (0.036 mm) PC Board Foil
20138631
FIGURE 5. Derating Curve for TO-263 package.
No Air Flow
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com