Electronic Components Datasheet Search
  English  ▼

X  

LMH6321 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6321
Description  300 mA High Speed Buffer with Adjustable Current Limit
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6321 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LMH6321 Datasheet HTML 12Page - National Semiconductor (TI) LMH6321 Datasheet HTML 13Page - National Semiconductor (TI) LMH6321 Datasheet HTML 14Page - National Semiconductor (TI) LMH6321 Datasheet HTML 15Page - National Semiconductor (TI) LMH6321 Datasheet HTML 16Page - National Semiconductor (TI) LMH6321 Datasheet HTML 17Page - National Semiconductor (TI) LMH6321 Datasheet HTML 18Page - National Semiconductor (TI) LMH6321 Datasheet HTML 19Page - National Semiconductor (TI) LMH6321 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Application Hints (Continued)
OUTPUT CURRENT AND SHORT CIRCUIT
PROTECTION
The LMH6321 is designed to deliver a maximum continuous
output current of 300 mA. However, the maximum available
current, set by internal circuitry, is about 700 mA at room
temperature. The output current is programmable up to 300
mA by a single external resistor and voltage source.
The LMH6321 is not designed to safely output 700 mA
continuously and should not be used this way. However, the
available maximum continuous current will likely be limited
by the particular application and by the package type cho-
sen, which together set the thermal conditions for the buffer
(see Thermal Management section) and could require less
than 300 mA.
The programming of both the sourcing and sinking currents
into the load is accomplished with a single resistor. Figure 3
shows a simplified diagram of the V to I converter and I
SC
protection circuitry that, together, perform this task.
Referring to Figure 3, the two simplified functional blocks,
labeled V/I Converter and Short Circuit Protection, comprise
the circuitry of the Current Limit Control.
The V/I converter consists of error amplifier A1 driving two
PNP transistors in a Darlington configuration. The two input
connections to this amplifier are V
CL (inverting input) and
GND (non-inverting input). If GND is connected to zero volts,
then the high open loop gain of A1, as well as the feedback
through the Darlington, will force C
L, and thus one end REXT
to be at zero volts also. Therefore, a voltage applied to the
other end of R
EXT will force a current
I
EXT =VPROG/REXT
(3)
into this pin. Via this pin, I
OUT is programmable from 10 mA
to 300 mA by setting I
EXT from 25 µA to 750 µA by means of
a fixed R
EXT of 10 k
Ω and making V
CL variable from 0.25V to
7.5V. Thus, an input voltage V
CL is converted to a current
I
EXT. This current is the output from the V/I converter. It is
gained up by a factor of two and sent to the Short Circuit
Protection block as I
PROG.IPROG sets a voltage drop across
R
SC which is applied to the non-inverting input of error amp
A2. The other input is across R
SENSE. The current through
R
SENSE, and hence the voltage drop across it, is proportional
to the load current, via the current sense transistor Q
SENSE.
The output of A2 controls the drive (I
DRIVE) to the base of the
NPN output transistor, Q3 which is, proportional to the
amount and polarity of the voltage differential (V
DIFF ) be-
tween AMP2 inputs, that is, how much the voltage across
R
SENSE is greater than or less than the voltage across RSC.
This loop gains I
EXT up by another 200, thus
I
SC = 2 x 200 (IEXT) = 400 IEXT
(4)
Therefore, combining Equations (3) and (4), and solving for
R
EXT ,weget
R
EXT = 400 VPROG/ISC
(5)
If the V
CL pin is left open, the output short circuit current will
default to about 700 mA. At elevated temperatures this cur-
rent will decrease.
20138629
Only the NPN output ISC protection is shown. Depending on the polarity of VDIFF, AMP2 will turn IDRIVE either on or off.
FIGURE 3. Simplified Diagram of Current Limit Control
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com