Electronic Components Datasheet Search
  English  ▼

X  

LMH6321 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6321
Description  300 mA High Speed Buffer with Adjustable Current Limit
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6321 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LMH6321 Datasheet HTML 10Page - National Semiconductor (TI) LMH6321 Datasheet HTML 11Page - National Semiconductor (TI) LMH6321 Datasheet HTML 12Page - National Semiconductor (TI) LMH6321 Datasheet HTML 13Page - National Semiconductor (TI) LMH6321 Datasheet HTML 14Page - National Semiconductor (TI) LMH6321 Datasheet HTML 15Page - National Semiconductor (TI) LMH6321 Datasheet HTML 16Page - National Semiconductor (TI) LMH6321 Datasheet HTML 17Page - National Semiconductor (TI) LMH6321 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Application Hints
BUFFERS
Buffers are often called voltage followers because they have
largely unity voltage gain, thus the name has generally come
to mean a device that supplies current gain but no voltage
gain. Buffers serve in applications requiring isolation of
source and load, i.e., high input impedance, low output
impedance (high output current drive). In addition, they offer
gain flatness and wide bandwidth.
Most operational amplifiers, that meet the other given re-
quirements in a particular application, can be configured as
buffers, though they are generally more complex and are, by
and large, not optimized for unity gain operation. The com-
mercial buffer is a cost effective substitute for an op amp.
Buffers serve several useful functions, either in tandem with
op amps or in standalone applications. As mentioned, their
primary function is to isolate a high impedance source from
a low impedance load, since a high Z source can’t supply the
needed current to the load. For example, in the case where
the signal source to an analog to digital converter is a
sensor, it is recommended that the sensor be isolated from
the A/D converter. The use of a buffer ensures a low output
impedance and delivery of a stable output to the converter.
In A/D converter applications buffers need to drive varying
and complex reactive loads.
Buffers come in two flavors: Open Loop and Closed Loop.
While sacrificing the precision of some DC characteristics,
and generally displaying poorer gain linearity, open loop
buffers offer lower cost and increased bandwidth, along with
less phase shift and propagation delay than do closed loop
buffers. The LMH6321 is of the open loop variety.
Figure 1 shows a simplified diagram of the LMH6321 topol-
ogy, revealing the open loop complementary follower design
approach. Figure 2 shows the LMH6321 in a typical applica-
tion, in this case, a 50
Ω coaxial cable driver.
SUPPLY BYPASSING
The method of supply bypassing is not critical for frequency
stability of the buffer, and, for light loads, capacitor values in
the neighborhood of 1 nF to 10 nF are adequate. However,
under fast slewing and large loads, large transient currents
are demanded of the power supplies, and when combined
with any significant wiring inductance, these currents can
produce voltage transients. For example, the LMH6321 can
slew typically at 1000 V/µs. Therefore, under a 50
Ω load
condition the load can demand current at a rate, di/dt, of
20 A/µs. This current flowing in an inductance of 50 nH
(approximately 1.5” of 22 gage wire) will produce a 1V
transient. Thus, it is recommended that solid tantalum ca-
pacitors of 5 µF to 10 µF, in parallel with a ceramic 0.1 µF
capacitor be added as close as possible to the device supply
pins.
20138627
FIGURE 1. Simplified Schematic
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com