Electronic Components Datasheet Search
  English  ▼

X  

AD1937 Datasheet(PDF) 4 Page - Analog Devices

Part # AD1937
Description  4 ADC/8 DAC with PLL, 192 kHz, 24 Bit CODEC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1937 Datasheet(HTML) 4 Page - Analog Devices

  AD1937 Datasheet HTML 1Page - Analog Devices AD1937 Datasheet HTML 2Page - Analog Devices AD1937 Datasheet HTML 3Page - Analog Devices AD1937 Datasheet HTML 4Page - Analog Devices AD1937 Datasheet HTML 5Page - Analog Devices AD1937 Datasheet HTML 6Page - Analog Devices AD1937 Datasheet HTML 7Page - Analog Devices AD1937 Datasheet HTML 8Page - Analog Devices AD1937 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
AD1935/AD1936/AD1937/AD1938/AD1939
Preliminary Technical Data
Rev. Pr
I | Page 4 of 30
Temperature Range
Parameter
Min
Typ
Max
Unit
Specifications Guaranteed
25
°C Case
–40
+105
°C Ambient
Functionality Guaranteed
–40
+125
°C Case
Storage
–65
+150
°C
Table 6
Digital Filters
Mode
Parameter
Factor
Min
Typ
Max
Unit
Pass Band
0.4375 fS
21
kHz
Pass-Band Ripple
±0.015
dB
Transition Band
0.5 fS
24
kHz
Stop Band
0.5625 fS
27
kHz
Stop-Band Attenuation
79
dB
ADC
DECIMATION
FILTER
All Modes,
Typ @ 48 kHz
Group Delay
22.9844/ fS
479
µs
Pass Band
0.4535 fS
22
kHz
Pass-Band Ripple
±0.01
dB
Transition Band
0.5 fS
24
kHz
Stop Band
0.5465 fS
26
kHz
Stop-Band Attenuation
70
dB
48 kHz Mode,
Typ @ 48 kHz
Group Delay
25/ fS
521
µs
Pass Band
0.3646 fS
35
kHz
Pass-Band Ripple
±0.05
dB
Transition Band
0.5 fS
48
kHz
Stop Band
0.6354 fS
61
kHz
Stop-Band Attenuation
70
dB
96 kHz Mode,
Typ @ 96 kHz
Group Delay
11/ fS
115
µs
Pass Band
0.3646 fS
70
kHz
Pass-Band Ripple
±0.1
dB
Transition Band
0.5 fS
96
kHz
Stop Band
0.6354 fS
122
kHz
Stop-Band Attenuation
70
dB
DAC
INTERPOLATION
FILTER
192 kHz Mode,
Typ @ 192 kHz
Group Delay
8/ fS
42
µs
Table 7
Timing Specifications
Parameter
Comments
Min
Max
Unit
tMH
MCLK High
PLL Mode
15
ns
tML
MCLK Low
PLL Mode
15
ns
tMCLK
MCLK Period
PLL Mode, 256 fS reference
73
146
ns
fMCLK
MCLK Frequency
PLL Mode, 256 fS reference
6.9
13.8
MHz
tMH
MCLK High
Direct 512 fS Mode
15
ns
tML
MCLK Low
Direct 512 fS Mode
15
ns
tMCLK
MCLK Period
Direct 512 fS Mode
36
ns
fMCLK
MCLK Frequency
Direct 512 fS Mode
27.6
MHz
tPDR
PD/RST Low
TBD
ns
MASTER CLOCK AND RESET
tPDRR
PD/RST Recovery
Reset to Active Output
TBD
tMCLK
tCCH
CCLK High
TBD
ns
tCCL
CCLK Low
TBD
ns
SPI PORT
tCCP
CCLK Period
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com