Electronic Components Datasheet Search
  English  ▼

X  

AD1937 Datasheet(PDF) 11 Page - Analog Devices

Part # AD1937
Description  4 ADC/8 DAC with PLL, 192 kHz, 24 Bit CODEC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1937 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD1937 Datasheet HTML 7Page - Analog Devices AD1937 Datasheet HTML 8Page - Analog Devices AD1937 Datasheet HTML 9Page - Analog Devices AD1937 Datasheet HTML 10Page - Analog Devices AD1937 Datasheet HTML 11Page - Analog Devices AD1937 Datasheet HTML 12Page - Analog Devices AD1937 Datasheet HTML 13Page - Analog Devices AD1937 Datasheet HTML 14Page - Analog Devices AD1937 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Preliminary Technical Data
AD1935/AD1936/AD1937/AD1938/AD1939
Rev. Pr
I | Page 11 of 30
R/
W
0
SCK
SDA
0
0
0
1
AD1
AD0
0
0
0
0
0
1
1
0
ACK. BY
AD193X
START BY
MASTER
D7
D6
D5
D4
D3
D2
D1
D0
ACK. BY
AD193X
STOP BY
MASTER
SCK
(CONTINUED)
SDA
(CONTINUED)
FRAME 1
CHIP ADDRESS BYTE
FRAME 3
DATA BYTE TO
AD193X
FRAME 2
REGISTER ADDRESS BYTE
ACK. BY
AD193X
Figure 11. Format of I2C Write
R/
W
0
SCL
SDA
0
0
0
1
AD1
AD0
0
0
0
0
0
1
1
0
ACK. BY
AD193X
START BY
MASTER
D7
D6
D5
D4
D3
D2
D1
D0
ACK. BY
AD193X
STOP BY
MASTER
FRAME 1
CHIP ADDRESS BYTE
FRAME 2
REGISTER ADDRESS BYTE
ACK. BY
AD193X
R/
W
0
SCL
(Continued)
SDA
(Continued)
00
0
1
AD1
AD0
REPEATED START
BY MASTER
FRAME 3
CHIP ADDRESS BYTE
FRAME 4
REGISTER DATA
ACK. BY
AD193X
Figure 12. Format of I2C Read
Power Supply and Voltage Reference
The AD193X is designed for 3.3 V supplies. Separate power supply
pins are provided for the analog and digital sections. These pins
should be bypassed with 100 nF ceramic chip capacitors, as close to
the pins as possible, to minimize noise pickup. A bulk aluminum
electrolytic capacitor of at least 22 µF should also be provided on
the same PC board as the codec. For critical applications, improved
performance will be obtained with separate supplies for the analog
and digital sections. If this is not possible, it is recommended that
the analog and digital supplies be isolated by means of a ferrite
bead in series with each supply. It is important that the analog
supply be as clean as possible.
The AD1935 (64-pin single-ended version), and the AD1939 and
AD1937 (64-pin differential versions) include a 3.3V regulator
driver which requires only an external pass transistor and bypass
capacitors to make a 5V to 3.3V regulator. If the regulator driver is
not used, VSUPPLY, VDRIVE, and VSENSE should be connected to
DGND.
All digital inputs are compatible with TTL and CMOS levels. All
outputs are driven from the 3.3 V DVDD supply and are
compatible with TTL and 3.3 V CMOS levels.
The ADC and DAC internal voltage reference VREF is brought out
on FILTR and should be bypassed as close as possible to the chip,
with a parallel combination of 10 µF and 100 nF. Any external
current drawn should be limited to less than 50 µA.
The internal reference can be disabled in PLL and Clock Control
Register 1 and FILTR driven from an external source. This can be
used to scale the DAC output to a power amplifier's clipping level
based on its power supply voltage. The ADC input gain will also
vary by the inverse ratio. The total gain from ADC input to DAC
output will stay constant.
The CM pin is the internal common-mode reference. It should be
bypassed as close as possible to the chip, with a parallel
combination of 10 µF and 100 nF. This voltage may be used to bias
external op amps to the common-mode voltage of the input and
output signal pins. The output current should be limited to less
than 0.5 mA source and 2 mA sink.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com