Electronic Components Datasheet Search
  English  ▼

X  

AD1937 Datasheet(PDF) 9 Page - Analog Devices

Part # AD1937
Description  4 ADC/8 DAC with PLL, 192 kHz, 24 Bit CODEC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1937 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD1937 Datasheet HTML 5Page - Analog Devices AD1937 Datasheet HTML 6Page - Analog Devices AD1937 Datasheet HTML 7Page - Analog Devices AD1937 Datasheet HTML 8Page - Analog Devices AD1937 Datasheet HTML 9Page - Analog Devices AD1937 Datasheet HTML 10Page - Analog Devices AD1937 Datasheet HTML 11Page - Analog Devices AD1937 Datasheet HTML 12Page - Analog Devices AD1937 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
Preliminary Technical Data
AD1935/AD1936/AD1937/AD1938/AD1939
Rev. Pr
I | Page 9 of 30
FUNCTIONAL OVERVIEW
ADCs
There are four ADC channels in the AD193X configured as two
stereo pairs with differential inputs. The ADCs can operate at a
nominal sample rate of 48, 96 , or 192 kHz. The ADCs include on-
board digital anti-aliasing filters with 79 dB stop-band attenuation
and linear phase response, operating at an oversampling ratio of
128 (48 kHz, 96 kHz, and 192 kHz modes). Digital outputs are
supplied through two serial data output pins (one for each stereo
pair) and a common frame (ALRCLK) and bit (ABCLK) clock.
Alternatively, one of the TDM modes may be used to access up to
16 channels on a single TDM data line.
The ADCs must be driven from a differential signal source for best
performance. The input pins of the ADCs connect to internal
switched capacitors. To isolate the external driving op amp from the
“glitches” caused by the internal switched capacitors, each input pin
should be isolated by using a series-connected external 100
Ω resistor together with a 1 nF capacitor connected from each
input to ground. This capacitor must be of high quality; for
example, ceramic NPO or polypropylene film.
The differential inputs have a nominal common-mode voltage of
1.5V. The voltage at the common-mode reference pin, CM can be
used to bias external op amps to buffer the input signals (see the
Power Supply and Voltage Reference section). The inputs can also
be AC coupled and do not need an external DC bias to CM.
A digital high-pass filter can be switched in line with the ADCs
under serial control to remove residual dc offsets. It has a 1.4 Hz,
6 dB per octave cutoff at a 48 kHz sample rate. The cutoff
frequency will scale directly with sample frequency.
DACs
The AD193X DAC channels are arranged as four stereo pairs
giving eight analog outputs, either single-ended for minimum
external components or differential for improved noise and
distortion performance. The DACs include on-board digital
reconstruction filters with 70 dB stop-band attenuation and linear
phase response, operating at an oversampling ratio of 4 (48 kHz or
96 kHz modes) or 2 (192 kHz mode). Each channel has its own
independently programmable attenuator, adjustable in 255 0.375 dB
steps. Digital inputs are supplied through four serial data input pins
(one for each stereo pair) and a common frame (DLRCLK) and bit
(DBCLK) clock. Alternatively, one of the TDM modes may be used
to access up to 16 channels on a single TDM data line.
Each output pin has a nominal common-mode dc level of 1.5V and
swings ±1.27 V for a 0 dBFS digital input signal. A single op amp
third order external low-pass filter is recommended to remove high
frequency noise present on the output pins, as well as to provide
differential-to-single-ended conversion in the case of the
differential output part. Note that the use of op amps with low slew
rate or low bandwidth may cause high frequency noise and tones to
fold down into the audio band; care should be exercised in selecting
these components.
The voltage at the common-mode reference pin, CM can be used to
bias the external op amps that buffer the output signals (see the
Power Supply and Voltage Reference section).
Clock Signals
The on-chip Phase Locked Loop (PLL) can be selected to use as its
reference the input sample rate from either of the LRCLK pins or
256, 384, 512, or 768 times the sample rate, referenced to 48kHz
mode, from the MCLKI pin. The default at power-up is 256 × fS
from MCLKI. In 96 kHz mode, the master clock frequency will stay
at the same absolute frequency so the actual multiplication rate will
be divided by 2. In 192 kHz mode, the actual multiplication rate will
be divided by 4. For example, if the AD193X is programmed in 256
× fS mode, the frequency of the master clock input would be 256 ×
48 kHz = 12.288 MHz. If the AD193X is then switched to 96 kHz
operation (by writing to the SPI or I2C port), the frequency of the
master clock should remain at 12.288 MHz, which is now 128 × fS.
In 192kHz mode, this would be 64 × fS.
The internal clock for the ADCs is 256 × fS for all clock modes. The
internal clock for the DACs is 512 × fS (48 kHz mode), 256 × fS (96
kHz mode), or 128 × fS (192 kHz mode). By default, the on-board
PLL is used to generate this internal master clock from an external
clock. A direct 512 × fS ( referenced to 48 kHz mode) master clock
can be used for either the ADCs or DACs if selected in PLL and
Clock Control Register 1.
Note that it is not possible to use a direct clock for the ADCs set to
192kHz mode. It is required that the on-chip PLL be used in this
mode.
The PLL can be powered down in PLL and Clock Control Register
0. To ensure reliable locking when changing PLL modes or if the
reference clock may be unstable at power-on, the PLL should be
powered down and then powered back up when the reference clock
is stable.
The internal MCLK can be disabled in PLL and Clock Control
Register 0 to reduce power dissipation when the AD193X is idle.
The clock should be stable before it is enabled. Unless a stand-
alone mode is selected (see Serial Control Port), the clock is
disabled by reset and must be enabled by writing to the SPI or I2C
port for normal operation.
To maintain the highest performance possible, it is recommended
that the clock jitter of the internal master clock signal be limited to
less than 300 ps rms TIE (time interval error). Even at these levels,
extra noise or tones may appear in the DAC outputs if the jitter
spectrum contains large spectral peaks. If the internal PLL is not
being used, it is highly recommended that an independent crystal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com