Electronic Components Datasheet Search
  English  ▼

X  

AD5370BSTZ Datasheet(PDF) 15 Page - Analog Devices

Part # AD5370BSTZ
Description  40-Channel, 16-Bit, Serial Input, Voltage-Output DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5370BSTZ Datasheet(HTML) 15 Page - Analog Devices

Back Button AD5370BSTZ Datasheet HTML 11Page - Analog Devices AD5370BSTZ Datasheet HTML 12Page - Analog Devices AD5370BSTZ Datasheet HTML 13Page - Analog Devices AD5370BSTZ Datasheet HTML 14Page - Analog Devices AD5370BSTZ Datasheet HTML 15Page - Analog Devices AD5370BSTZ Datasheet HTML 16Page - Analog Devices AD5370BSTZ Datasheet HTML 17Page - Analog Devices AD5370BSTZ Datasheet HTML 18Page - Analog Devices AD5370BSTZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Preliminary Technical Data
AD5370
Rev. P
rF | Page 15 of 24
12.36V + 0.14V = 12.5V
3)
VREF Calculation
Actual Output Range = 12.5V, that is -4.25V to +8.25V
(centered);
VREF = (8.25V + 4.25V)/4 = 3.125V
If the solution yields an inconvenient reference level, the user
can adopt one of the following approaches:
1.
Use a resistor divider to divide down a convenient,
higher reference level to the required level.
2.
Select a convenient reference level above VREF and
modify the Gain and Offset registers to digitally
downsize the reference. In this way the user can use
almost any convenient reference level but may reduce
the performance by overcompaction of the transfer
function.
3.
Use a combination of these two approaches
CALIBRATION
The user can perform a system calibration on the AD5370 to
reduce gain and offset errors to below 1 LSB. This is achieved
by calculating new values for the M and C registers and reprogram-
ming them.
Reducing Zero-scale and Full-scale Error
Zero-scale error can be reduced as follows:
1.
Set the output to the lowest possible value.
2.
Measure the actual output voltage and compare it with the
required value. This gives the zero-scale error.
3.
Calculate the number of LSBs equivalent to the
error and subtract this from the default value of
the C register. Note that only negative zero-scale error can
be reduced.
Full-scale error can be reduced as follows:
1.
Measure the zero-scale error.
2.
Set the output to the highest possible value.
3.
Measure the actual output voltage and compare it with the
required value. Add this error to the zero-scale error. This
is the full-scale error.
4.
Calculate the number of LSBs equivalent to the full-scale
error and subtract it from the default value of the M
register. Note that only positive full-scale error can be
reduced.
5.
The M and C registers should not be programmed until
both zero-scale and full-scale errors have been calculated.
AD5370 Calibration Example
This example assumes that a −4 V to +8 V output is required.
The DAC output is set to −4 V but measured at −4.03 V. This
gives an zero-scale error of −30 mV.
1.
1 LSB = 12 V/65536 = 183.105 µV
2.
30 mV = 164 LSB
3.
164 LSB should be added to the default C register value:
(32768 + 164) = 32932
4.
32932 should be programmed to the C register
The full-scale error can now be removed. The output is set to +8
V and a value of +8.02 V is measured. The full-scale error is
+20 mV – (–30 mV) = +50 mV
This is a full-scale error of +50 mV.
1.
50 mV = 273 LSBs
2.
273 LSB should be subtracted from the default M register
value: (65535 − 273) = 65262
3.
65262 should be programmed to the M register
ADDITIONAL CALIBRATION
The techniques described in the previous text are usually
enough to reduce the zero-scale and full-scale errors in most
applications. However, there are limitations whereby the errors
may not be sufficiently removed. For example, the offset (C)
register can only be used to reduce the offset caused by the
negative zero-scale error. A positive offset cannot be reduced.
Likewise, if the maximum voltage is below the ideal value, i.e. a
negative full-scale error, the gain (M) register cannot be used to
increase the gain to compensate for the error.
These limitations can be overcome by increasing the reference
value. With a 3V reference a 12V span will be achieved. The
ideal voltage range, for the AD5371, would be −4V to +8V.
Using a 3.1V reference would increase the range to −4.133V to
+8.2667V. Clearly, in this case, the offset and gain errors are
insignificant and the M and C registers can be used to raise the
negative voltage to −4V and then reduce the maximum voltage
down to +8V to give the most accurate values possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com