Electronic Components Datasheet Search
  English  ▼

X  

AD5370BSTZ Datasheet(PDF) 20 Page - Analog Devices

Part # AD5370BSTZ
Description  40-Channel, 16-Bit, Serial Input, Voltage-Output DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5370BSTZ Datasheet(HTML) 20 Page - Analog Devices

Back Button AD5370BSTZ Datasheet HTML 16Page - Analog Devices AD5370BSTZ Datasheet HTML 17Page - Analog Devices AD5370BSTZ Datasheet HTML 18Page - Analog Devices AD5370BSTZ Datasheet HTML 19Page - Analog Devices AD5370BSTZ Datasheet HTML 20Page - Analog Devices AD5370BSTZ Datasheet HTML 21Page - Analog Devices AD5370BSTZ Datasheet HTML 22Page - Analog Devices AD5370BSTZ Datasheet HTML 23Page - Analog Devices AD5370BSTZ Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Preliminary Technical Data
AD5370
Rev. P
rF | Page 20 of 24
SPECIAL FUNCTION MODE
If the mode bits are 00, then the special function mode is
selected, as shown in Table 11. Bits I21 to I16 of the serial data
word select the special function, while the remaining bits are
data required for execution of the special function, for example
the channel address for data readback.
The codes for the special functions are shown in Table 12. Table
13 shows the addresses for data readback.
Table 11. Special Function Mode
I23
I22
I21
I20
I19
I18
I17
I16
I15
I14
I13
I12
I11
I10
I9
I8
I7
I6
I5
I4
I3
I2
I1
I0
0
0
S5
S4
S3
S2
S1
S0
F15
F14
F13
F12
F11
F10
F9
F8
F7
F6
F5
F4
F3
F2
F1
F0
Table 12. Special Function Codes
SPECIAL FUNCTION CODE
DATA
S5
S4
S3
S2
S1
S0
F15-F0
ACTION
0
0
0
0
0
0
0000 0000 0000 0000
NOP
0
0
0
0
0
1
XXXX XXXX XXXX X[F2:F0]
Write control register
F2 = 1
Select B register for input.
F2 = 0
Select A register for input.
F1 = 1
Enable temperature shutdown.
F1 = 0
Disable temperature shutdown.
F0 = 1
Soft power down; F0 = 0
Soft power up.
0
0
0
0
1
0
XX[F13:F0]
Write data in F13:F0 to OFS0 register
0
0
0
0
1
1
XX[F13:F0]
Write data in F13:F0 to OFS1 register
0
0
0
1
0
0
XX[F13:F0]
Reserved
0
0
0
1
0
1
See Table 13
Select register for readback
0
0
0
1
1
0
XXXX XXXX[F7:F0]
Write data in F7:F0 to A/B Select Register 0
0
0
0
1
1
1
XXXX XXXX[F7:F0]
Write data in F7:F0 to A/B Select Register 1
0
0
1
0
0
0
XXXX XXXX[F7:F0]
Write data in F7:F0 to A/B Select Register 2
0
0
1
0
0
1
XXXX XXXX[F7:F0]
Write data in F7:F0 to A/B Select Register 3
0
0
1
0
1
0
XXXX XXXX[F7:F0]
Write data in F7:F0 to A/B Select Register 4
0
0
1
0
1
1
XXXX XXXX [F7:F0]
Block write A/B Select Registers
F7:F0 = 0, write all 0’s (all channels use X2A register)
F7:F0 = 1, wrote all 1’s (all channels use X2B register)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com