Electronic Components Datasheet Search
  English  ▼

X  

AD5602 Datasheet(PDF) 9 Page - Analog Devices

Part # AD5602
Description  2.7 V to 5.5 V, <100 uA, 8-/10-/12-Bit nanoDACs with
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5602 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5602 Datasheet HTML 5Page - Analog Devices AD5602 Datasheet HTML 6Page - Analog Devices AD5602 Datasheet HTML 7Page - Analog Devices AD5602 Datasheet HTML 8Page - Analog Devices AD5602 Datasheet HTML 9Page - Analog Devices AD5602 Datasheet HTML 10Page - Analog Devices AD5602 Datasheet HTML 11Page - Analog Devices AD5602 Datasheet HTML 12Page - Analog Devices AD5602 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD5602/AD5612/AD5622
Rev. B | Page 9 of 24
DAC CODE
1
0
–7
–6
–5
–4
–3
–2
–1
0
1000
500
2000
1500
3500
3000
2500
4000
VDD =5V
TA =25°C
Figure 10. Typical AD5622 Total Unadjusted Error
VDD (V)
0.8
0.6
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
2.7
3.2
4.2
3.7
5.2
4.7
TA =25°C
MAX INL
MIN INL
Figure 11. AD5622 INL Error vs. Supply
VDD (V)
0
–8
–7
–6
–5
–4
–3
–2
–1
2.7
3.2
4.2
3.7
5.2
4.7
TA =25°C
MAX TUE
MIN TUE
Figure 12. AD5622 Total Unadjusted Error vs. Supply
VDD (V)
0.5
0.4
0.3
0.2
0.1
0
–0.3
–0.2
–0.1
2.7
3.2
4.2
3.7
5.2
4.7
TA =25°C
MAX DNL
MIN DNL
Figure 13. AD5622 DNL Error vs. Supply
TEMPERATURE (°C)
0.5
0.4
0.3
0.2
0.1
0
–0.3
–0.2
–0.1
–40
0
–20
60
40
20
120
100
80
MAX INL = 5V
MAX INL = 3V
MIN INL = 5V
MIN INL = 3V
Figure 14. AD5622 INL Error vs. Temperature (3 V/5 V Supply)
TEMPERATURE (°C)
8
7
6
5
4
3
0
1
2
–40
0
–20
60
40
20
120
100
80
MAX TUE = 5V
MAX TUE = 3V
MIN TUE = 5V
MIN TUE = 3V
Figure 15. AD5622 Total Unadjusted Error vs. Temperature (3 V/5 V Supply)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com