Electronic Components Datasheet Search
  English  ▼

X  

AD5602 Datasheet(PDF) 19 Page - Analog Devices

Part # AD5602
Description  2.7 V to 5.5 V, <100 uA, 8-/10-/12-Bit nanoDACs with
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5602 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD5602 Datasheet HTML 15Page - Analog Devices AD5602 Datasheet HTML 16Page - Analog Devices AD5602 Datasheet HTML 17Page - Analog Devices AD5602 Datasheet HTML 18Page - Analog Devices AD5602 Datasheet HTML 19Page - Analog Devices AD5602 Datasheet HTML 20Page - Analog Devices AD5602 Datasheet HTML 21Page - Analog Devices AD5602 Datasheet HTML 22Page - Analog Devices AD5602 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
AD5602/AD5612/AD5622
Rev. B | Page 19 of 24
READ OPERATION
When reading data back from the AD5602/AD5612/AD5622,
the user begins with a start command followed by an address
byte (R/W = 1), after which the DAC acknowledges that it is
prepared to transmit data by pulling SDA low. Two bytes of data
are then read from the DAC, which are both acknowledged by
the master as shown in Figure 45, Figure 46, and Figure 47. A
stop condition follows.
SCL
SDA
START BY
MASTER
ACK. BY
AD5602
ACK. BY
MASTER
NO ACK. BY
MASTER
STOP BY
MASTER
FRAME 2
MOST SIGNIFICANT DATA BYTE FROM AD5602
FRAME 1
SERIAL BUS ADDRESS BYTE
0
19
19
9
1
0
0
1
1
A1
A0
R/W
PD1
PD0
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
0
0
SCL (CONTINUED)
SDA (CONTINUED)
FRAME 3
LEAST SIGNIFICANT DATA BYTE FROM AD5602
Figure 45. AD5602 Read Sequence
SCL
SDA
START BY
MASTER
ACK. BY
AD5612
ACK. BY
MASTER
NO ACK. BY
MASTER
STOP BY
MASTER
FRAME 2
MOST SIGNIFICANT DATA BYTE FROM AD5612
FRAME 1
SERIAL BUS ADDRESS BYTE
0
19
19
9
1
0
0
1
1
A1
A0
R/W
PD1
PD0
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
0
00
SCL (CONTINUED)
SDA (CONTINUED)
FRAME 3
LEAST SIGNIFICANT DATA BYTE FROM AD5612
Figure 46. AD5612 Read Sequence
SCL
SDA
START BY
MASTER
ACK. BY
AD5622
ACK. BY
MASTER
NO ACK. BY
MASTER
STOP BY
MASTER
FRAME 2
MOST SIGNIFICANT DATA BYTE FROM AD5622
FRAME 1
SERIAL BUS ADDRESS BYTE
0
19
19
9
1
0
0
1
1
A1
A0
R/W
PD1
PD0
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
00
SCL (CONTINUED)
SDA (CONTINUED)
FRAME 3
LEAST SIGNIFICANT DATA BYTE FROM AD5622
Figure 47. AD5622 Read Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com