Electronic Components Datasheet Search
  English  ▼

X  

AD5602 Datasheet(PDF) 12 Page - Analog Devices

Part # AD5602
Description  2.7 V to 5.5 V, <100 uA, 8-/10-/12-Bit nanoDACs with
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5602 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5602 Datasheet HTML 8Page - Analog Devices AD5602 Datasheet HTML 9Page - Analog Devices AD5602 Datasheet HTML 10Page - Analog Devices AD5602 Datasheet HTML 11Page - Analog Devices AD5602 Datasheet HTML 12Page - Analog Devices AD5602 Datasheet HTML 13Page - Analog Devices AD5602 Datasheet HTML 14Page - Analog Devices AD5602 Datasheet HTML 15Page - Analog Devices AD5602 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
AD5602/AD5612/AD5622
Rev. B | Page 12 of 24
CH1 = 5V/DIV, CH2 = 1V/DIV, TIME BASE = 2µs/DIV
CH1
CH2
VDD =5V
TA =25°C
Figure 28. Exiting Power-Down Mode
CH1 = 5V/DIV, CH2 = 1V/DIV, TIME BASE = 2µs/DIV
CH1
CH2
VDD =5V
TA =25°C
Figure 29. Full-Scale Settling Time
CH1 = 5V/DIV, CH2 = 1V/DIV, TIME BASE = 2µs/DIV
CH1
CH2
VDD =5V
TA =25°C
Figure 30. Half-Scale Settling Time
CH1 = 1V/DIV, CH2 = 3V/DIV, TIME BASE = 50µs/DIV
CH2
CH1
VDD
VOUT
VDD =5V
TA = 25°C
Figure 31. VOUT vs. VDD
SAMPLE NUMBER
0
100
200
300
400
500
2.458
2.456
2.454
2.452
2.450
2.448
2.446
2.444
2.442
2.440
2.438
2.436
VDD =5V
TA =25°C
LOAD = 2kΩ AND 220pF
CODE 0x800 TO 0x7FF
10ns/SAMPLE NUMBER
Figure 32. Digital-to-Analog Glitch Impulse
SAMPLE NUMBER
2.4278
2.4276
2.4274
2.4272
2.4270
2.4268
2.4266
2.4264
2.4262
2.4260
0
200
100
300
400
500
VDD =5V
TA =25°C
LOAD = 2kΩ AND 220pF
10ns/SAMPLE NUMBER
Figure 33. Digital Feedthrough



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com