Electronic Components Datasheet Search
  English  ▼

X  

AD5624 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5624
Description  2.7 V to 5.5 V, 450 關A, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5624 Datasheet(HTML) 4 Page - Analog Devices

  AD5624 Datasheet HTML 1Page - Analog Devices AD5624 Datasheet HTML 2Page - Analog Devices AD5624 Datasheet HTML 3Page - Analog Devices AD5624 Datasheet HTML 4Page - Analog Devices AD5624 Datasheet HTML 5Page - Analog Devices AD5624 Datasheet HTML 6Page - Analog Devices AD5624 Datasheet HTML 7Page - Analog Devices AD5624 Datasheet HTML 8Page - Analog Devices AD5624 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD5624/AD5664
Rev. 0 | Page 4 of 24
A Grade1
B Grade1
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
Conditions/Comments
POWER REQUIREMENTS
VDD
2.7
5.5
2.7
5.5
V
IDD (Normal Mode)4
VIH = VDD, VIL = GND
VDD = 4.5 V to 5.5 V
0.45
0.9
0.45
0.9
mA
VDD = 2.7 V to 3.6 V
0.44
0.85
0.44
0.85
mA
IDD (All Power-Down
Modes)5
VIH = VDD, VIL = GND
VDD = 4.5 V to 5.5 V
0.48
1
0.48
1
μA
VDD = 2.7 V to 3.6 V
0.2
1
0.2
1
μA
1 Temperature range: A grade and B grade: −40°C to +105°C.
2 Linearity calculated using a reduced code range: AD5664 (Code 512 to Code 65,024); AD5624 (Code 32 to Code 4064); output unloaded.
3 Guaranteed by design and characterization, not production tested.
4 Interface inactive. All DACs active. DAC outputs unloaded.
5 All DACs powered down.
AC CHARACTERISTICS
VDD = 2.7 V to 5.5 V; RL = 2 kΩ to GND; CL = 200 pF to GND; VREF = VDD; all specifications TMIN to TMAX, unless otherwise noted.1
Table 3.
Parameter2, 3
Min
Typ
Max
Unit
Conditions/Comments
Output Voltage Settling Time
AD5664
4
7
μs
¼ to ¾ scale settling to ±2 LSB
AD5624
3
4.5
μs
¼ to ¾ scale settling to ±0.5 LSB
Slew Rate
1.8
V/μs
Digital-to-Analog Glitch Impulse
10
nV-s
1 LSB change around major carry
Digital Feedthrough
0.1
nV-s
Reference Feedthrough
−90
dBs
VREF = 2 V ± 0.1 V p-p, frequency 10 Hz to 20 MHz
Digital Crosstalk
0.1
nV-s
Analog Crosstalk
1
nV-s
DAC-to-DAC Crosstalk
1
nV-s
Multiplying Bandwidth
340
kHz
VREF = 2 V ± 0.1 V p-p
Total Harmonic Distortion
−80
dB
VREF = 2 V ± 0.1 V p-p, frequency = 10 kHz
Output Noise Spectral Density
120
nV/√Hz
DAC code = midscale, 1 kHz
100
nV/√Hz
DAC code = midscale, 10 kHz
Output Noise
15
μV p-p
0.1 Hz to 10 Hz
1 Guaranteed by design and characterization, not production tested.
2 Temperature range: −40°C to +105°C; typical at 25°C.
3 See the Terminology section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com