Electronic Components Datasheet Search
  English  ▼

X  

AD5624 Datasheet(PDF) 9 Page - Analog Devices

Part # AD5624
Description  2.7 V to 5.5 V, 450 關A, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5624 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5624 Datasheet HTML 5Page - Analog Devices AD5624 Datasheet HTML 6Page - Analog Devices AD5624 Datasheet HTML 7Page - Analog Devices AD5624 Datasheet HTML 8Page - Analog Devices AD5624 Datasheet HTML 9Page - Analog Devices AD5624 Datasheet HTML 10Page - Analog Devices AD5624 Datasheet HTML 11Page - Analog Devices AD5624 Datasheet HTML 12Page - Analog Devices AD5624 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD5624/AD5664
Rev. 0 | Page 9 of 24
VDD (V)
8
6
4
2
–6
–4
–2
0
–8
2.7
3.2
3.7
4.7
4.2
5.2
MIN DNL
MAX DNL
MAX INL
MIN INL
TA = 25°C
Figure 10. INL and DNL Error vs. Supply
TEMPERATURE (°C)
0
–0.04
–0.02
–0.06
–0.08
–0.10
–0.18
–0.16
–0.14
–0.12
–0.20
–40
–20
40
20
0
100
80
60
VDD = 5V
GAIN ERROR
FULL-SCALE ERROR
Figure 11. Gain Error and Full-Scale Error vs. Temperature
TEMPERATURE (°C)
1.5
1.0
0.5
0
–2.0
–1.5
–1.0
–0.5
–2.5
–40
–20
40
20
08
60
100
0
OFFSET ERROR
ZERO-SCALE ERROR
Figure 12. Zero-Scale Error and Offset Error vs. Temperature
VDD (V)
1.0
–1.5
–1.0
–0.5
0
0.5
–2.0
2.7
3.2
3.7
4.7
4.2
5.2
GAIN ERROR
FULL-SCALE ERROR
Figure 13. Gain Error and Full-Scale Error vs. Supply
VDD (V)
1.0
0.5
0
–2.0
–1.5
–1.0
–0.5
–2.5
2.7
3.2
4.2
3.7
5.2
4.7
ZERO-SCALE ERROR
OFFSET ERROR
TA = 25°C
Figure 14. Zero-Scale Error and Offset Error vs. Supply
IDD (mA)
0
1
2
3
4
5
6
0.41
0.42
0.43
0.44
0.45
VDD = 5.5V
TA = 25°C
Figure 15. IDD Histogram with VDD = 5.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com