Electronic Components Datasheet Search
  English  ▼

X  

AD5624 Datasheet(PDF) 16 Page - Analog Devices

Part # AD5624
Description  2.7 V to 5.5 V, 450 關A, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5624 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5624 Datasheet HTML 12Page - Analog Devices AD5624 Datasheet HTML 13Page - Analog Devices AD5624 Datasheet HTML 14Page - Analog Devices AD5624 Datasheet HTML 15Page - Analog Devices AD5624 Datasheet HTML 16Page - Analog Devices AD5624 Datasheet HTML 17Page - Analog Devices AD5624 Datasheet HTML 18Page - Analog Devices AD5624 Datasheet HTML 19Page - Analog Devices AD5624 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD5624/AD5664
Rev. 0 | Page 16 of 24
INPUT SHIFT REGISTER
The input shift register is 24 bits wide The first two bits are
don’t care bits. The next three bits are the Command bits, C2 to
C0 (see Table 7), followed by the 3-bit DAC address, A2 to A0
(see Table 8), and then the 16-, 12-bit data-word. The data-word
comprises the 16-, 12- bit input code followed by 0 or 4 don’t
care bits for the AD5664 and AD5624 respectively (see Figure
31 and Figure 32). These data bits are transferred to the DAC
register on the 24th falling edge of SCLK.
Table 7. Command Definition
C2
C1
C0
Command
0
0
0
Write to input register n
0
0
1
Update DAC register n
0
1
0
Write to input register n, update all
(software LDAC)
0
1
1
Write to and update DAC channel n
1
0
0
Power down DAC (power-up)
1
0
1
Reset
1
1
0
Load LDAC register
1
1
1
Reserved
Table 8. Address Command
A2
A1
A0
ADDRESS (n)
0
0
0
DAC A
0
0
1
DAC B
0
1
0
DAC C
0
1
1
DAC D
1
1
1
All DACs
SYNC INTERRUPT
In a normal write sequence, the SYNC line is kept low for at least
24 falling edges of SCLK, and the DAC is updated on the 24th
falling edge. However, if SYNC is brought high before the 24
th
falling edge, then this acts as an interrupt to the write sequence.
The input shift register is reset and the write sequence is seen as
invalid. Neither an update of the DAC register contents nor a
change in the operating mode occurs (see Figure 33).
POWER-ON RESET
The AD5624/AD5664 family contains a power-on reset circuit
that controls the output voltage during power-up. The AD5624/
AD5664 DAC outputs power up to 0 V and the output remains
there until a valid write sequence is made to the DAC. This is
useful in applications where it is important to know the state of
the output of the DAC while it is in the process of powering up.
X
X
C2
C1
C0
A2
A1
A0
D15 D14 D13 D12 D11 D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
DB23 (MSB)
DB0 (LSB)
COMMAND BITS
ADDRESS BITS
DATA BITS
Figure 31. AD5664 Input Shift Register Contents
X
X
C2
C1
C0
A2
A1
A0
XXX
X
D11 D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
DB23 (MSB)
DB0 (LSB)
COMMAND BITS
ADDRESS BITS
DATA BITS
Figure 32. AD5624 Input Shift Register Contents
DIN
DB23
DB23
DB0
DB0
VALID WRITE SEQUENCE, OUTPUT UPDATES
ON THE 24TH FALLING EDGE
SYNC
SCLK
INVALID WRITE SEQUENCE:
SYNC HIGH BEFORE 24TH FALLING EDGE
Figure 33. SYNC Interrupt Facility



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com