Electronic Components Datasheet Search
  English  ▼

X  

AD5644R Datasheet(PDF) 15 Page - Analog Devices

Part # AD5644R
Description  Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5644R Datasheet(HTML) 15 Page - Analog Devices

Back Button AD5644R Datasheet HTML 11Page - Analog Devices AD5644R Datasheet HTML 12Page - Analog Devices AD5644R Datasheet HTML 13Page - Analog Devices AD5644R Datasheet HTML 14Page - Analog Devices AD5644R Datasheet HTML 15Page - Analog Devices AD5644R Datasheet HTML 16Page - Analog Devices AD5644R Datasheet HTML 17Page - Analog Devices AD5644R Datasheet HTML 18Page - Analog Devices AD5644R Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
AD5624R/AD5644R/AD5664R
Rev. A | Page 15 of 28
CURRENT (mA)
6
5
4
3
2
1
–1
0
–30
–20
–10
0
10
20
30
VDD = 5V
VREFOUT = 2.5V
TA = 25°C
ZERO SCALE
FULL SCALE
MIDSCALE
1/4 SCALE
3/4 SCALE
Figure 34. AD56x4R-5 Source and Sink Capability
CURRENT (mA)
4
–1
0
1
2
3
–30
–20
–10
0
10
20
30
VDD = 3V
VREFOUT = 1.25V
TA = 25°C
ZERO SCALE
FULL SCALE
MIDSCALE
1/4 SCALE
3/4 SCALE
Figure 35. AD56x4R-3 Source and Sink Capability
TEMPERATURE (°C)
0.50
0.05
0.10
0.15
0.20
0.35
0.40
0.25
0.30
0.45
0
–40
–20
0
20
40
60
80
100
TA = 25°C
VDD = VREFIN = 5V
VDD = VREFIN = 3V
Figure 36. Supply Current vs. Temperature
TIME BASE = 4µs/DIV
VDD = VREF = 5V
TA = 25°C
FULL-SCALE CODE CHANGE
0x0000 TO 0xFFFF
OUTPUT LOADED WITH 2kΩ
AND 200pF TO GND
VOUT = 909mV/DIV
1
Figure 37. Full-Scale Settling Time, 5 V
CH1 2.0V
CH2 500mV
M100µs 125MS/s
A CH1
1.28V
8.0ns/pt
VDD = VREF = 5V
TA = 25°C
VOUT
VDD
1
2
MAX(C2)
420.0mV
Figure 38. Power-On Reset to 0 V
VDD = 5V
SYNC
SLCK
VOUT
1
3
CH1 5.0V
CH3 5.0V
CH2 500mV
M400ns
A CH1
1.4V
2
Figure 39. Exiting Power-Down to Midscale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com