Electronic Components Datasheet Search
  English  ▼

X  

AD5644R Datasheet(PDF) 20 Page - Analog Devices

Part # AD5644R
Description  Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5644R Datasheet(HTML) 20 Page - Analog Devices

Back Button AD5644R Datasheet HTML 16Page - Analog Devices AD5644R Datasheet HTML 17Page - Analog Devices AD5644R Datasheet HTML 18Page - Analog Devices AD5644R Datasheet HTML 19Page - Analog Devices AD5644R Datasheet HTML 20Page - Analog Devices AD5644R Datasheet HTML 21Page - Analog Devices AD5644R Datasheet HTML 22Page - Analog Devices AD5644R Datasheet HTML 23Page - Analog Devices AD5644R Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
AD5624R/AD5644R/AD5664R
Rev. A | Page 20 of 28
THEORY OF OPERATION
D/A SECTION
The AD5624R/AD5644R/AD5664R DACs are fabricated on a
CMOS process. The architecture consists of a string DAC
followed by an output buffer amplifier. Figure 50 shows a block
diagram of the DAC architecture.
DAC
REGISTER
RESISTOR
STRING
REF (+)
VDD
GND
REF (–)
VOUT
OUTPUT
AMPLIFIER
(GAIN = +2)
Figure 50. DAC Architecture
Because the input coding to the DAC is straight binary, the ideal
output voltage when using an external reference is given by
⎟
⎠
⎞
⎜
⎝
⎛
×
=
N
REFIN
OUT
D
V
V
2
The ideal output voltage when using the internal reference is
given by
⎟
⎠
⎞
⎜
⎝
⎛
×
×
=
N
REFOUT
OUT
D
V
V
2
2
where:
D is the decimal equivalent of the binary code that is loaded to
the DAC register:
0 to 4095 for AD5624R (12 bit).
0 to 16,383 for AD5644R (14 bit).
0 to 65,535 for AD5664R (16 bit).
N is the DAC resolution.
RESISTOR STRING
The resistor string is shown in Figure 51. It is simply a string of
resistors, each of value R. The code loaded to the DAC register
determines at which node on the string the voltage is tapped off
to be fed into the output amplifier. The voltage is tapped off by
closing one of the switches connecting the string to the
amplifier. Because it is a string of resistors, it is guaranteed
monotonic.
OUTPUT AMPLIFIER
The output buffer amplifier can generate rail-to-rail voltages on
its output, which gives an output range of 0 V to VDD. It can drive
a load of 2 kΩ in parallel with 1000 pF to GND. The source and
sink capabilities of the output amplifier can be seen in Figure 33
and Figure 34. The slew rate is 1.8 V/μs with a ¼ to ¾ full-scale
settling time of 7 μs.
R
R
R
R
R
TO OUTPUT
AMPLIFIER
Figure 51. Resistor String
INTERNAL REFERENCE
The AD5624R/AD5644R/AD5664R on-chip reference is off at
power-up and is enabled via a write to a control register. See the
Internal Reference Setup section for details.
The AD56x4R-3 has a 1.25 V, 5 ppm/°C reference giving a full-
scale output of 2.5 V. The AD56x4R-5 has a 2.5 V, 5 ppm/°C
reference giving a full-scale output of 5 V. The internal reference
associated with each part is available at the VREFOUT pin.
A buffer is required if the reference output is used to drive
external loads. When using the internal reference, it is
recommended that a 100 nF capacitor is placed between
reference output and GND for reference stability.
EXTERNAL REFERENCE
The VREFIN pin on the AD56x4R-3 and AD56x4R-5 allows the
use of an external reference if the application requires it. The
default condition of the on-chip reference is off at power-up. All
devices (AD56x4R-3 and the AD56x4R-5) can be operated from
a single 2.7 V to 5.5 V supply.
SERIAL INTERFACE
The AD5624R/AD5644R/AD5664R have a 3-wire serial interface
(SYNC, SCLK, and DIN) that is compatible with SPI, QSPI, and
MICROWIRE interface standards as well as with most DSPs. See
Figure 2 for a timing diagram of a typical write sequence.
The write sequence begins by bringing the SYNC line low. Data
from the DIN line is clocked into the 24-bit shift register on the
falling edge of SCLK. The serial clock frequency can be as high as
50 MHz, making the AD5624R/AD5644R/AD5664R compatible
with high speed DSPs. On the 24th falling clock edge, the last data
bit is clocked in and the programmed function is executed, that is, a
change in DAC register contents and/or a change in the mode of
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com