Electronic Components Datasheet Search
  English  ▼

X  

ADV7343 Datasheet(PDF) 41 Page - Analog Devices

Part # ADV7343
Description  Multiformat Video Encoder Six, 11-Bit, 297 MHz DACs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7343 Datasheet(HTML) 41 Page - Analog Devices

Back Button ADV7343 Datasheet HTML 37Page - Analog Devices ADV7343 Datasheet HTML 38Page - Analog Devices ADV7343 Datasheet HTML 39Page - Analog Devices ADV7343 Datasheet HTML 40Page - Analog Devices ADV7343 Datasheet HTML 41Page - Analog Devices ADV7343 Datasheet HTML 42Page - Analog Devices ADV7343 Datasheet HTML 43Page - Analog Devices ADV7343 Datasheet HTML 44Page - Analog Devices ADV7343 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 88 page
background image
ADV7342/ADV7343
Rev. 0 | Page 41 of 88
Table 28. Register 0x99 to Register 0xA5
SR7 to
Bit Number
Reset
SR0
Register
Bit Description
7
6
5
4
3
2
1
0
Register Setting
Value
SD CGMS Data.
x
x
x
x
CGMS Data Bits[C19:C16]
0x00
0
Disabled
SD CGMS CRC.
1
Enabled
0
Disabled
SD CGMS on Odd Fields.
1
Enabled
0
Disabled
SD CGMS on Even Fields.
1
Enabled
0
Disabled
0x99
SD CGMS/WSS 0
SD WSS.
1
Enabled
0x00
SD CGMS/WSS Data.
x
x
x
x
x
x
CGMS Data Bits[C13:C8] or
WSS Data Bits[W13:W8]
0x9A
SD CGMS/WSS 1
SD CGMS Data.
x
x
CGMS Data Bits[C15:C14]
0x9B
SD CGMS/WSS 2
SD CGMS/WSS Data.
x
x
x
x
x
x
x
x
CGMS Data Bits[C7:C0] or
WSS Data Bits[W7:W0]
0x00
LSBs for SD Y Scale Value.
x
x
SD Y Scale Bits[1:0]
0x00
LSBs for SD Cb Scale Value.
x
x
SD Cb Scale Bits[1:0]
LSBs for SD Cr Scale Value.
x
x
SD Cr Scale Bits[1:0].
0x9C
SD Scale LSB
Register
LSBs for SD FSC Phase.
x
x
Subcarrier Phase Bits[1:0]
0x9D
SD Y Scale Register
SD Y Scale Value.
x
x
x
x
x
x
x
x
SD Y Scale Bits[9:2]
0x00
0x9E
SD Cb Scale
Register
SD Cb Scale Value.
x
x
x
x
x
x
x
x
SD Cb Scale Bits[9:2]
0x00
0x9F
SD Cr Scale Register
SD Cr Scale Value.
x
x
x
x
x
x
x
x
SD Cr Scale Bits[9:2]
0x00
0xA0
SD Hue Register
SD Hue Adjust Value.
x
x
x
x
x
x
x
x
SD Hue Adjust Bits[7:0]
0x00
SD Brightness Value.
x
x
x
x
x
x
x
SD Brightness Bits[6:0]
0x00
0
Disabled
0xA1
SD Brightness/WSS
SD Blank WSS Data.
1
Enabled
0
0
0
0
−4 dB
0x00
…
…
…
…
…
0
1
1
0
0 dB
…
…
…
…
…
SD Luma SSAF Gain/Attenuation.
Note: Only applicable if
Register 0x87, Bit 4 = 1.
1
1
0
0
+4 dB
0xA2
SD Luma SSAF
Reserved.
0
0
0
0
0
0
0
0
No gain
0x00
0
0
0
1
+1/16 [−1/8]
0
0
1
0
+2/16 [−2/8]
0
0
1
1
+3/16 [−3/8]
0
1
0
0
+4/16 [−4/8]
0
1
0
1
+5/16 [−5/8]
0
1
1
0
+6/16 [−6/8]
0
1
1
1
+7/16 [−7/8]
Coring Gain Border.
Note: In DNR mode, the values
in brackets apply.
1
0
0
0
+8/16 [−1]
0
0
0
0
No gain
0
0
0
1
+1/16 [−1/8]
0
0
1
0
+2/16 [−2/8]
0
0
1
1
+3/16 [−3/8]
0
1
0
0
+4/16 [−4/8]
0
1
0
1
+5/16 [−5/8]
0
1
1
0
+6/16 [−6/8]
0
1
1
1
+7/16 [−7/8]
0xA3
SD DNR 0
Coring Gain Data.
Note: In DNR mode, the values
in brackets apply.
1
0
0
0
+8/16 [−1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com