Electronic Components Datasheet Search
  English  ▼

X  

ADV7343 Datasheet(PDF) 12 Page - Analog Devices

Part # ADV7343
Description  Multiformat Video Encoder Six, 11-Bit, 297 MHz DACs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7343 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADV7343 Datasheet HTML 8Page - Analog Devices ADV7343 Datasheet HTML 9Page - Analog Devices ADV7343 Datasheet HTML 10Page - Analog Devices ADV7343 Datasheet HTML 11Page - Analog Devices ADV7343 Datasheet HTML 12Page - Analog Devices ADV7343 Datasheet HTML 13Page - Analog Devices ADV7343 Datasheet HTML 14Page - Analog Devices ADV7343 Datasheet HTML 15Page - Analog Devices ADV7343 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 88 page
background image
ADV7342/ADV7343
Rev. 0 | Page 12 of 88
CLKIN_A*
Y7 TO Y0
*LUMA/CHROMA CLOCK RELATIONSHIP CAN BE INVERTED
USING SUBADDRESS 0x01, BITS 1 AND 2.
CONTROL
OUTPUTS
Cr2
Y2
Cb2
Y1
Cr0
Y0
Cb0
t9
t10
t12
t11
t12
t11
t14
t13
P_HSYNC,
P_VSYNC,
CONTROL
INPUTS
P_BLANK
Figure 8. ED/HD-DDR Only, 8-Bit, 4:2:2 YCrCb (HSYNC/VSYNC) Pixel Input Mode (Input Mode 010)
Y1
Cr0
Y0
Cb0
XY
00
00
3FF
*LUMA/CHROMA CLOCK RELATIONSHIP CAN BE INVERTED
USING SUBADDRESS 0x01, BITS 1 AND 2.
CLKIN_A*
Y7 TO Y0
CONTROL
OUTPUTS
t9
t10
t12
t11
t12
t11
t14
t13
Figure 9. ED/HD-DDR Only, 8-Bit, 4:2:2 YCrCb (EAV/SAV) Pixel Input Mode (Input Mode 010)
t9
t10
t9
t10
t11
t11
Y0
Y1
Y2
Y3
Y4
Y5
ED/HD INPUT
SD INPUT
S7 TO S0
CLKIN_A
Y2
Cb2
Y1
Cr0
Y0
Cb0
Cr4
Cb4
Cr2
Cb2
Cr0
Cb0
Cr2
Y6
Cb6
C7 TO C0
Y7 TO Y0
CLKIN_B
P_HSYNC,
P_VSYNC,
CONTROL
INPUTS
P_BLANK
S_HSYNC,
S_VSYNC
CONTROL
INPUTS
t12
t12
Figure 10. SD and ED/HD-SDR, 16-Bit, 4:2:2 ED/HD and 8-Bit, SD Pixel Input Mode (Input Mode 011)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com